Electronic Components Datasheet Search
  English  ▼

X  

ADUC836 Datasheet(PDF) 43 Page - Analog Devices

Part # ADUC836
Description  MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADUC836 Datasheet HTML 39Page - Analog Devices ADUC836 Datasheet HTML 40Page - Analog Devices ADUC836 Datasheet HTML 41Page - Analog Devices ADUC836 Datasheet HTML 42Page - Analog Devices ADUC836 Datasheet HTML 43Page - Analog Devices ADUC836 Datasheet HTML 44Page - Analog Devices ADUC836 Datasheet HTML 45Page - Analog Devices ADUC836 Datasheet HTML 46Page - Analog Devices ADUC836 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
REV. A
ADuC834
–43–
PSMCON
Power Supply Monitor Control Register
SFR Address
DFH
Power-On Default Value
DEH
Bit Addressable
No
POWER SUPPLY MONITOR
As its name suggests, the Power Supply Monitor, once enabled,
monitors both supplies (AVDD or DVDD) on the ADuC834. It will
indicate when any of the supply pins drop below one of four
user-selectable voltage trip points from 2.63 V to 4.63 V. For
correct operation of the Power Supply Monitor function, AVDD
must be equal to or greater than 2.7 V. Monitor function is
controlled via the PSMCON SFR. If enabled via the IEIP2 SFR,
the monitor will interrupt the core using the PSMI bit in the
PSMCON SFR. This bit will not be cleared until the failing power
supply has returned above the trip point for at least 250 ms. This
monitor function allows the user to save working registers to avoid
possible data loss due to the low supply condition, and also
ensures that normal code execution will not resume until a safe
supply level has been well established. The supply monitor is also
protected against spurious glitches triggering the interrupt circuit.
Table XX. PSMCON SFR Bit Designations
Bit
Name
Description
7
CMPD
DVDD Comparator Bit.
This is a read-only bit and directly reflects the state of the DVDD comparator.
Read 1 indicates the DVDD supply is above its selected trip point.
Read 0 indicates the DVDD supply is below its selected trip point.
6CMPA
AVDD Comparator Bit.
This is a read-only bit and directly reflects the state of the AVDD comparator.
Read 1 indicates the AVDD supply is above its selected trip point.
Read 0 indicates the AVDD supply is below its selected trip point.
5
PSMI
Power Supply Monitor Interrupt Bit.
This bit will be set high by the MicroConverter if either CMPA or CMPD are low, indicating low
analog or digital supply. The PSMI bit can be used to interrupt the processor. Once CMPD and/or
CMPA return (and remain) high, a 250 ms counter is started. When this counter timesout, the
PSMI interrupt is cleared. PSMI can also be written by the user. However, if either comparator
output is low, it is not possible for the user to clear PSMI.
4
TPD1
DVDD Trip Point Selection Bits.
3
TPD0
These bits select the DVDD trip point voltage as follows:
TPD1
TPD0
Selected DVDD Trip Point (V)
00
4.63
01
3.08
10
2.93
11
2.63
2
TPA1
AVDD Trip Point Selection Bits.
1
TPA0
These bits select the AVDD trip point voltage as follows:
TPA1TPA0
Selected AVDD Trip Point (V)
00
4.63
01
3.08
10
2.93
11
2.63
0
PSMEN
Power Supply Monitor Enable Bit.
Set to 1 by the user to enable the Power Supply Monitor Circuit.
Cleared to 0 by the user to disable the Power Supply Monitor Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com