Electronic Components Datasheet Search
  English  ▼

X  

ADUC836 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUC836
Description  MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUC836 Datasheet HTML 2Page - Analog Devices ADUC836 Datasheet HTML 3Page - Analog Devices ADUC836 Datasheet HTML 4Page - Analog Devices ADUC836 Datasheet HTML 5Page - Analog Devices ADUC836 Datasheet HTML 6Page - Analog Devices ADUC836 Datasheet HTML 7Page - Analog Devices ADUC836 Datasheet HTML 8Page - Analog Devices ADUC836 Datasheet HTML 9Page - Analog Devices ADUC836 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
REV. A
–6–
ADuC834
SPECIFICATIONS (continued)
Parameter
ADuC834
Test Conditions/Comments
Unit
LOGIC OUTPUTS (Not Including XTAL2)
2
VOH, Output High Voltage
2.4
VDD = 5 V, ISOURCE = 80 AV min
2.4
VDD = 3 V, ISOURCE = 20 AV min
VOL, Output Low Voltage
14
0.4
ISINK = 8 mA, SCLOCK,
V max
MOSI/SDATA
0.4
ISINK = 10 mA, P1.0 and P1.1
V max
0.4
ISINK = 1.6 mA, All Other Outputs
V max
Floating State Leakage Current
2
± 10
A max
Floating State Output Capacitance
5
pF typ
POWER SUPPLY MONITOR (PSM)
AVDD Trip Point Selection Range
2.63
Four Trip Points Selectable in This Range V min
4.63
Programmed via TPA1–0 in PSMCON
V max
AVDD Power Supply Trip Point Accuracy
± 3.0
TMAX = 85°C% max
± 4.0
TMAX = 125°C% max
DVDD Trip Point Selection Range
2.63
Four Trip Points Selectable in This Range V min
4.63
Programmed via TPD1–0 in PSMCON
V max
DVDD Power Supply Trip Point Accuracy
± 3.0
TMAX = 85 C% max
± 4.0
TMAX = 125 C% max
WATCHDOG TIMER (WDT)
Timeout Period
0
Nine Timeout Periods in This Range
ms min
2000
Programmed via PRE3–0 in WDCON
ms max
MCU CORE CLOCK RATE
Clock Rate Generated via On-Chip PLL
MCU Clock Rate
2
98.3
Programmable via CD2–0 Bits in
kHz min
PLLCON SFR
12.58
MHz max
START-UP TIME
At Power-On
300
ms typ
After External RESET in Normal Mode
3
ms typ
After WDT Reset in Normal Mode
3
Controlled via WDCON SFR
ms typ
From Idle Mode
10
s typ
From Power-Down Mode
Oscillator Running
OSC_PD Bit = 0 in PLLCON SFR
Wake-Up with
INT0 Interrupt
20
s typ
Wake-Up with SPI Interrupt
20
s typ
Wake-Up with TIC Interrupt
20
s typ
Wake-Up with External RESET
3
ms typ
Oscillator Powered Down
OSC_PD Bit = 1 in PLLCON SFR
Wake-Up with
INT0 Interrupt
20
s typ
Wake-Up with SPI Interrupt
20
s typ
Wake-Up with External RESET
5
ms typ
FLASH/EE MEMORY RELIABILITY CHARACTERISTICS
15
Endurance
16
100,000
Cycles min
Data Retention
17
100
Years min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com