Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 2 Page - Analog Devices

  ADV7172 Datasheet HTML 1Page - Analog Devices ADV7172 Datasheet HTML 2Page - Analog Devices ADV7172 Datasheet HTML 3Page - Analog Devices ADV7172 Datasheet HTML 4Page - Analog Devices ADV7172 Datasheet HTML 5Page - Analog Devices ADV7172 Datasheet HTML 6Page - Analog Devices ADV7172 Datasheet HTML 7Page - Analog Devices ADV7172 Datasheet HTML 8Page - Analog Devices ADV7172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
ADV7172/ADV7173
–2–
REV. A
FUNCTIONAL BLOCK DIAGRAM
8
8
10-BIT
DAC
RSET1
COMP1
ADV7172/ADV7173
COLOR
DATA
P0
VREF
RSET2
COMP2
P7
DAC E
DAC F
DAC D
DAC A
DAC B
DAC C
BRIGHTNESS AND
CONTRAST CONTROL
+
ADD SYNC
+
INTERPOLATOR
10
LUMA
PROGRAMMABLE
FILTER
+
SHARPNESS
FILTER
SATURATION CONTROL
+
ADD BURST
+
INTERPOLATOR
10
PROGRAMMABLE
CHROMA
FILTER
10
8
8
8
REAL-TIME
CONTROL CIRCUIT
SCRESET/RTC
MODULATOR
+
HUE
CONTROL
10
10
10
10
10-BIT
DAC
10
10-BIT
DAC
10
M
U
L
T
I
P
L
E
X
E
R
Y
U
V
8
4:2:2 TO
4:4:4
INTER-
POLATOR
10
10
SIN/COS
DDS BLOCK
DAC
CONTROL
BLOCK
DAC
CONTROL
BLOCK
10-BIT
DAC
10
10
10
10
10-BIT
DAC
10
10-BIT
DAC
10
M
U
L
T
I
P
L
E
X
E
R
YUV TO
RBG
MATRIX
+
YUV
LEVEL
CONTROL
BLOCK
I2C MPU PORT
HSYNC
FIELD/
VSYNC
BLANK
TTX
TTXREQ
VAA
RESET
TELETEXT
INSERTION BLOCK
YCrCb
TO
YUV
MATRIX
CLOCK
CSO_HSO VSO CLAMP
SCLOCK SDATA
ALSB
VIDEO TIMING
GENERATOR
GND
PAL NTSC
The ADV7172/ADV7173 also supports both PAL and NTSC
square pixel operation. The parts also incorporate WSS and
CGMS-A data control generation.
The ADV7172/ADV7173 is designed with four color controls
(hue, contrast, brightness and saturation). All YUV formats
(SMPTE, MII and Betacam) are supported in both PAL and
NTSC.
The output video frames are synchronized with the incoming
data Timing Reference Codes. Optionally the encoder accepts
(and can generate)
HSYNC , VSYNC and FIELD timing
signals. These timing signals can be adjusted to change pulse-
width and position while the part is in the master mode. The
Encoder requires a single two times pixel rate (27 MHz) clock
for standard operation. Alternatively the Encoder requires a
24.54 MHz clock for NTSC or 29.5 MHz clock for PAL square
pixel mode operation. All internal timing is generated on-chip.
HSO/CSO and VSO TTL outputs, synchronous to the analog
output video, are also available. A programmable CLAMP
output signal is also available to enable clamping in either the
front or back porch of the video signal.
A separate teletext port enables the user to directly input tele-
text data during the vertical blanking interval.
The ADV7172/ADV7173 modes are set up over a two wire
serial bidirectional port (I
2C-Compatible) with two slave ad-
dresses. Functionally the ADV7173 and ADV7172 are the same
with the exception that the ADV7172 can output the Macrovi-
sion anticopy algorithm.
The ADV7172/ADV7173 is packaged in a 48-lead LQFP pack-
age (1.4 mm thickness).
DATA PATH DESCRIPTION
For PAL B, D, G, H, I, M, N and NTSC M, N modes, YCrCb
4:2:2 Data is input via the CCIR-656-Compatible Pixel Port at
a 27 MHz Data Rate. The Pixel Data is demultiplexed to form
three data paths. Y typically has a range of 16 to 235, Cr and
Cb typically have a range of 128
± 112; however, it is possible
to input data from 1 to 254 on both Y, Cb and Cr. The ADV7172/
ADV7173 supports PAL (B, D, G, H, I, N, M) and NTSC
(with and without pedestal) standards. The Y data is then ma-
nipulated by being scaled for contrast control and a setup level
is added for brightness control. The Cr, Cb data is also scaled
and saturation control is added. The appropriate Sync, Blank
and Burst levels are then added to the YCrCb data. Macrovi-
sion AntiTaping (ADV7172 only), Closed-Captioning and
Teletext levels are also added to Y, and the resultant data is
interpolated to a rate of 27 MHz. The interpolated data is fil-
tered and scaled by three digital FIR Filters.
The U and V Signals are modulated by the appropriate sub-
carrier sine/cosine phases and a phase offset may be added onto
the color subcarrier during active video to allow hue adjustment.
The resulting U and V signals are then added together to make
up the chrominance signal. The luma (Y) signal can be delayed
1–3 luma cycles (each cycle is 74 ns) with respect to the chroma
signal. The luma and chroma signals are then added together to
make up the composite video signal. All edges are slew rate
limited.
The YCrCb data is also used to generate RGB data with appro-
priate Sync and Blank levels. The YUV levels are also scaled to
output the suitable SMPTE or Betacam levels.
There are six DACs on the ADV7172/ADV7173. Three of these
DACs are capable of providing 34.66 mA of current. The other
three DACs provide 8.66 mA each.
The six l0-bit DACs can be used to output:
1. Composite Video + RGB Video + LUMA + CHROMA.
2. Composite Video + YUV Video + LUMA + CHROMA.
Alternatively, each DAC can be individually powered off if not
required. A complete description of DAC output configurations
is given in Appendix 8.
Video output levels are illustrated in Appendix 6.
(continued on page 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com