Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 19Page - Analog Devices ADV7172 Datasheet HTML 20Page - Analog Devices ADV7172 Datasheet HTML 21Page - Analog Devices ADV7172 Datasheet HTML 22Page - Analog Devices ADV7172 Datasheet HTML 23Page - Analog Devices ADV7172 Datasheet HTML 24Page - Analog Devices ADV7172 Datasheet HTML 25Page - Analog Devices ADV7172 Datasheet HTML 26Page - Analog Devices ADV7172 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
ADV7172/ADV7173
–23–
REV. A
OUTPUT VIDEO TIMING
The video timing generator generates the appropriate sync,
blank and burst sequence that controls the output analog wave-
forms. These sequences are summarized below. In slave modes,
the following sequences are synchronized with the input timing
control signals. In master modes, the timing generator free runs
and generates the following sequences in addition to the output
timing control signals.
NTSC–Interlaced: Scan Lines 1–9 and 264–272 are always
blanked and vertical sync pulses are included. Scan Lines 525,
10–21 and 262, 263, 273-284 are also blanked and can be used
for closed captioning data. Burst is disabled on Lines 1–6, 261–
269 and 523–525.
NTSC–Noninterlaced: Scan Lines 1–9 are always blanked
and vertical sync pulses are included. Scan Lines 10–21 are also
blanked and can be used for closed captioning data. Burst is
disabled on Lines 1–6, 261–262.
PAL–Interlaced: Scan Lines 1–6, 311–318 and 624–625 are
always blanked and vertical sync pulses are included in Fields 1,
2, 5 and 6. Scan Lines 1–5, 311–319 and 624–625 are always
blanked and vertical sync pulses are included in Fields 3, 4, 7
and 8. The remaining scan lines in the vertical blanking interval
are also blanked and can be used for teletext data. Burst is dis-
abled on Lines 1–6, 311–318 and 623–625 in Fields 1, 2, 5 and
6. Burst is disabled on Lines 1–5, 311–319 and 623–625 in
Fields 3, 4, 7 and 8.
PAL–Noninterlaced: Scan Lines 1–6 and 311–312 are always
blanked and vertical sync pulses are included. The remaining
scan lines in the vertical blanking interval are also blanked and
can be used for teletext data. Burst is disabled on Lines 1–5,
310–312.
POWER-ON RESET
After power-up, it is necessary to execute a reset operation. A
reset occurs on the falling edge of a high-to-low transition on
the
RESET pin. This initializes the pixel port such that the pixel
inputs P7–P0 are not selected. After reset, the ADV7172/
ADV7173 is automatically set up to operate in NTSC/PAL
mode, depending on the PAL_NTSC pin. The subcarrier fre-
quency registers are automatically loaded with the correct values
for PAL or NTSC. All other registers, with the exception of
Mode Registers 1 and 2, are set to 00H. Mode Register 1 is set
to 07H. This is to ensure DACs D, E and F are ON after
power-up. All bits of Mode Register 2 are set to “0,” with the
exception of Bit 3 (i.e., Mode Register 2 reads 08H). Bit MR23
of Mode Register 2 is set to Logic “1.” This enables the 7.5 IRE
pedestal.
RESET SEQUENCE
When
RESET becomes active, the ADV7172/ADV7173 reverts
to the default output configuration. DACs A, B, C are off and
DACs D, E, F are powered on and output composite, luma and
chroma signals respectively. Mode Register 2, Bit 6 (MR26),
resets to “0.” The ADV7172/ADV7173 internal timing is under
the control of the logic level on the NTSC_PAL pin.
When
RESET is released Y, Cr, Cb values corresponding to a
black screen are input to the ADV7172/ADV7173. Output
timing signals are still suppressed at this stage.
When the user requires valid data, MR26 is set to “1” to allow
the valid pixel data to pass through the encoder. Digital output
timing signals become active and the encoder timing is now
under the control of the timing registers. If, at this stage, the
user wishes to select a video standard different from that on
the NTSC_PAL pin, Mode Register 2, Bit 5 (MR25) is set
(“1”) and the video standard required is selected by program-
ming Mode Register 0. Figure 36 illustrates the reset sequence
timing.
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
DIGITAL TIMING SIGNALS SUPPRESSED
BLACK VALUE
BLACK VALUE WITH SYNC
VALID VIDEO
VALID VIDEO
0
1
TIMING ACTIVE
RESET
COMPOSITE/Y
CHROMA
MR26
PIXEL DATA VALID
DIGITAL TIMING
0
512
Figure 36.
RESET Sequence Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com