Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 25Page - Analog Devices ADV7172 Datasheet HTML 26Page - Analog Devices ADV7172 Datasheet HTML 27Page - Analog Devices ADV7172 Datasheet HTML 28Page - Analog Devices ADV7172 Datasheet HTML 29Page - Analog Devices ADV7172 Datasheet HTML 30Page - Analog Devices ADV7172 Datasheet HTML 31Page - Analog Devices ADV7172 Datasheet HTML 32Page - Analog Devices ADV7172 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
ADV7172/ADV7173
–29–
REV. A
MODE REGISTER 3 MR3 (MR37–MR30)
(Address (SR4–SR0) = 03H)
Mode Register 3 is an 8-bit-wide register. Figure 47 shows the
various operations under the control of Mode Register 3.
MR3 BIT DESCRIPTION
Revision Code (MR31–MR30)
This bit is read-only and indicates the revision of the device.
VBI Pass-Through Control (MR32)
This bit determines whether or not data in the vertical blanking
interval (VBI) is output to the analog outputs or blanked. Note
that this condition is also valid in timing slave mode 0.
Teletext Enable (MR33)
This bit must be set to “1” to enable teletext data insertion on
the TTX pin.
Teletext Mode Control (MR34)
This bit enables switching of the teletext request signal from a
continuous high signal (MR34 = “0”) to a bit wise request
signal (MR34 = “1”).
Closed Captioning Field Control (MR36–MR35)
These bits control the fields that closed captioning data is dis-
played on. Closed captioning information can be displayed on
an odd field, even field or both fields.
Active Video Filter Switching (MR37)
This bit, controls the filter mode applied outside the active
video portion of the line. This filter ensures that the sync rise
and fall times are always on spec regardless of which luma filter
is selected.
MR31
MR30
MR37
MR32
MR34
MR33
MR35
MR36
MR31
MR30
RESERVED FOR
REVISION CODE
VBI OPEN
0
DISABLE
1
ENABLE
MR32
TTX BIT REQUEST
MODE CONTROL
0
DISABLE
1
ENABLE
MR34
TELETEXT
CONTROL
0
DISABLE
1
ENABLE
MR33
ACTIVE VIDEO
FILTER CONTROL
0
ENABLE
1
DISABLE
MR37
CLOSED CAPTIONING
FIELD SELECTION
0
0
NO DATA OUT
0
1
ODD FIELD ONLY
1
0
EVEN FIELD ONLY
1
1
DATA OUT
(BOTH FIELDS)
MR36
MR35
Figure 47. Mode Register 3 (MR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com