Electronic Components Datasheet Search
  English  ▼

X  

RT8026 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8026
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8026 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8026 Datasheet HTML 1Page - Richtek Technology Corporation RT8026 Datasheet HTML 2Page - Richtek Technology Corporation RT8026 Datasheet HTML 3Page - Richtek Technology Corporation RT8026 Datasheet HTML 4Page - Richtek Technology Corporation RT8026 Datasheet HTML 5Page - Richtek Technology Corporation RT8026 Datasheet HTML 6Page - Richtek Technology Corporation RT8026 Datasheet HTML 7Page - Richtek Technology Corporation RT8026 Datasheet HTML 8Page - Richtek Technology Corporation RT8026 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT8026
5
DS8026-02 March 2011
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
3.40
3.43
3.45
3.48
3.50
3.53
3.55
3.58
3.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, IOUT = 0mA
Frequency vs. Input Voltage
1.30
1.33
1.35
1.38
1.40
1.43
1.45
1.48
1.50
4
4.25
4.5
4.75
5
5.25
5.5
Input Voltage (V)
VOUT = 3.5V, IOUT = 300mA
Frequency vs. Temperature
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.5V, IOUT = 300mA
Current Limit vs. Input Voltage
1.40
1.45
1.50
1.55
1.60
1.65
1.70
4
4.25
4.5
4.75
5
5.25
5.5
Input Voltage (V)
VOUT = 3.5V
Current Limit vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.5V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VOUT = 3.5V
VIN = 5.5V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com