Electronic Components Datasheet Search
  English  ▼

X  

RT8026 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8026
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8026 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8026 Datasheet HTML 1Page - Richtek Technology Corporation RT8026 Datasheet HTML 2Page - Richtek Technology Corporation RT8026 Datasheet HTML 3Page - Richtek Technology Corporation RT8026 Datasheet HTML 4Page - Richtek Technology Corporation RT8026 Datasheet HTML 5Page - Richtek Technology Corporation RT8026 Datasheet HTML 6Page - Richtek Technology Corporation RT8026 Datasheet HTML 7Page - Richtek Technology Corporation RT8026 Datasheet HTML 8Page - Richtek Technology Corporation RT8026 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT8026
3
DS8026-02 March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.5V
EN, FB Pin Voltage -------------------------------------------------------------------------------------------------------
−0.3V to VIN
Power Dissipation, PD @ TA = 25
°C
MSOP-10 -------------------------------------------------------------------------------------------------------------------- 833mW
Package Thermal Resistance (Note 2)
MSOP-10,
θJA -------------------------------------------------------------------------------------------------------------- 120°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
μH, CIN = 4.7μF, COUT = 10μF, TA = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
70
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
For Adjustable Output Voltage 0.588
0.6
0.612
V
Adjustable Output Range
VOUT
(Note 6)
1
--
VIN − 0.2V
V
Output Voltage Accuracy
ΔVOUT
VIN = VOUT + ΔV to 5.5V
0A < IOUT < 1A (Note 5)
−3
--
+3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
PMOSFET RON
RDS(ON)_P IOUT = 200mA, VIN = 3.6V
--
0.28
--
Ω
NMOSFET RON
RDS(ON)_N IOUT = 200mA, VIN = 3.6V
--
0.25
--
Ω
P-Channel Current Limit
ILIM_P
VIN = 2.7V to 5.5 V
1.2
1.5
--
A
EN High-Level Input Voltage
VEN_H
VIN = 2.7V to 5.5V
1.5
--
--
V
EN Low-Level Input Voltage
VEN_L
VIN = 2.7V to 5.5V
--
--
0.4
V
Under Voltage Lock Out threshold UVLO
--
1.8
--
V
UVLO Hysteresis
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
160
--
°C
Max. Duty Cycle
100
--
--
%
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com