Electronic Components Datasheet Search
  English  ▼

X  

RT8026 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8026
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8026 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8026 Datasheet HTML 1Page - Richtek Technology Corporation RT8026 Datasheet HTML 2Page - Richtek Technology Corporation RT8026 Datasheet HTML 3Page - Richtek Technology Corporation RT8026 Datasheet HTML 4Page - Richtek Technology Corporation RT8026 Datasheet HTML 5Page - Richtek Technology Corporation RT8026 Datasheet HTML 6Page - Richtek Technology Corporation RT8026 Datasheet HTML 7Page - Richtek Technology Corporation RT8026 Datasheet HTML 8Page - Richtek Technology Corporation RT8026 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8026
1
DS8026-02 March 2011
www.richtek.com
Features
Input Voltage Range : 2.7V to 5.5V
Adjustable Output Voltage : 1V to VIN
Output Current : 1A
High Efficiency : up to 95%
No Schottky Diode Required
1.5MHz Fixed Frequency PWM Operation
Current Limiting Protection
Thermal Shutdown Protection
Small MSOP-10 Package
RoHS Compliant and Halogen Free
Applications
Mobile Phones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC
Converter
General Description
The RT8026 is a high-efficiency Pulse-Width-Modulated
(PWM) step-down DC/DC converter. Capable of delivering
1A output current over a wide input voltage range from
2.7V to 5.5V, the RT8026 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs and hand-held devices.
Two operating modes are available including : PWM/Low-
Dropout autoswitch and shut-down modes. The Internal
synchronous rectifier with low RDS(ON) dramatically reduces
conduction loss at PWM mode. No external Schottky
diode is required in practical application.
The RT8026 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. The RT8026 enter shut-
down mode and consumes less than 0.1
μA when the EN
pin is pulled low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operating
frequency of 1.5MHz. This along with small MSOP-10
package provides small PCB area application. Other
features include soft start, lower internal reference voltage
with 2% accuracy, over temperature protection, and over
current protection.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Pin Configurations
(TOP VIEW)
MSOP-10
PGND
NC
VIN
NC
GND
LX
EN
FB
NC
NC
5
6
7
8
4
3
2
10
9
RT8026
Package Type
F : MSOP-10
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8026

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
More results

Similar Description - RT8026

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com