Electronic Components Datasheet Search
  English  ▼

X  

RT8026 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8026
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8026 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8026 Datasheet HTML 4Page - Richtek Technology Corporation RT8026 Datasheet HTML 5Page - Richtek Technology Corporation RT8026 Datasheet HTML 6Page - Richtek Technology Corporation RT8026 Datasheet HTML 7Page - Richtek Technology Corporation RT8026 Datasheet HTML 8Page - Richtek Technology Corporation RT8026 Datasheet HTML 9Page - Richtek Technology Corporation RT8026 Datasheet HTML 10Page - Richtek Technology Corporation RT8026 Datasheet HTML 11Page - Richtek Technology Corporation RT8026 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT8026
11
DS8026-02 March 2011
www.richtek.com
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near the RT8026.
L1
CIN
COUT
VIN
R1
CF
CIN must be placed as close
as possible to the IC
LX should be connected to Inductor by
wide and short trace, keep sensitive
compontents away from this trace
Output capacitor must
be placed near the
RT8026
Place the feedback components as close as possible
to the FB pin.
RT8026
FB
NC
NC
LX
EN
NC
GND
PGND
VIN
NC
10
2
3
9
8
7
5
4
6
R2
Component Supplier
L1 (
μH)
COUT (μF)
R1 (k
Ω)
R2 (k
Ω)
VOUT (V)
TAIYO YUDEN
10
10
300
62
3.5
TAIYO YUDEN
10
10
120
27
3.3
GOTREND
2.2
10
200
62
2.5
GOTREND
2.2
10
150
75
1.8
GOTREND
2.2
10
100
100
1.2
Table 1. Recommended Components for Different Output Voltage Application
Figure 4. Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com