Electronic Components Datasheet Search
  English  ▼

X  

RT8030 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8030
Description  1A, 2.2MHz, Synchronous Step-Down Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8030 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8030 Datasheet HTML 1Page - Richtek Technology Corporation RT8030 Datasheet HTML 2Page - Richtek Technology Corporation RT8030 Datasheet HTML 3Page - Richtek Technology Corporation RT8030 Datasheet HTML 4Page - Richtek Technology Corporation RT8030 Datasheet HTML 5Page - Richtek Technology Corporation RT8030 Datasheet HTML 6Page - Richtek Technology Corporation RT8030 Datasheet HTML 7Page - Richtek Technology Corporation RT8030 Datasheet HTML 8Page - Richtek Technology Corporation RT8030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT8030
4
DS8030-02
March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VDD, PVDD -------------------------------------------------------------------------------
−0.3V to 6V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
−0.3V to (PVDD+ 0.3V)
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 4A
Power Dissipation, PD @ TA = 25
°C
SOP-8 --------------------------------------------------------------------------------------------------------------- 0.909W
Package Thermal Resistance (Note 2)
SOP-8,
θJA ---------------------------------------------------------------------------------------------------------- 110°C/W
Junction Temperature --------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
°C
Storage Temperature Range ------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) -------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 3.3V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VREF
0.784
0.8
0.816
V
Active, VFB = 0.78V, Not Switching
--
460
--
μA
DC Bias Current
Shutdown
--
--
1
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.04
--
%/V
Output Voltage Load
Regulation
0A < ILOAD < 1A
--
0.25
--
%
Error Amplifier
Transconductance
gm
--
800
--
μS
Current Sense Transresistance RT
--
0.4
--
Ω
ROSC = 332k
0.8
1
1.2
MHz
Switching Frequency
Switching Frequency
0.3
--
2.5
MHz
Switch On Resistance, High
RPMOS
ISW = 0.5A
--
150
--
m
Ω
Switch On Resistance, Low
RNMOS
ISW = 0.5A
--
160
--
m
Ω
Peak Current Limit
ILIM
2.2
3.2
--
A
VDD Rising
--
2.4
--
V
Under Voltage Lockout
Threshold
VDD Falling
--
2.3
--
V
Shutdown Threshold
VSHDN/RT
--
VIN – 0.7 VIN – 0.4
V
Recommended Operating Conditions
(Note 4)
Input Voltage Range, VDD ------------------------------------------------------------------------------------------------------------------------------ 2.6V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com