Electronic Components Datasheet Search
  English  ▼

X  

RT8030 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8030
Description  1A, 2.2MHz, Synchronous Step-Down Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8030 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8030 Datasheet HTML 3Page - Richtek Technology Corporation RT8030 Datasheet HTML 4Page - Richtek Technology Corporation RT8030 Datasheet HTML 5Page - Richtek Technology Corporation RT8030 Datasheet HTML 6Page - Richtek Technology Corporation RT8030 Datasheet HTML 7Page - Richtek Technology Corporation RT8030 Datasheet HTML 8Page - Richtek Technology Corporation RT8030 Datasheet HTML 9Page - Richtek Technology Corporation RT8030 Datasheet HTML 10Page - Richtek Technology Corporation RT8030 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT8030
7
DS8030-02
March 2011
www.richtek.com
Quiescent Current vs. Input Voltage
450
470
490
510
530
550
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
Load Transient Response
Time (50us/Div)
IOUT
(1A/Div)
VOUT
(50mV/Div)
VIN = 5V, VOUT = 1.5V, IOUT = 0A to 1A
Quiescent Current vs. Temperature
400
420
440
460
480
500
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V
(
°C)
Output Current Limit vs. Input Voltage
2.0
2.3
2.5
2.8
3.0
3.3
3.5
3.8
4.0
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1.5V
Output Current Limit vs. Temperature
2.0
2.3
2.5
2.8
3.0
3.3
3.5
3.8
4.0
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V, VOUT = 1.5V
(
°C)
Output Ripple
Time (250ns/Div)
VOUT
(5mV/Div)
VIN = 5V, VOUT = 1.5V, IOUT = 0A
VLX
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com