Electronic Components Datasheet Search
  English  ▼

X  

RT8030 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8030
Description  1A, 2.2MHz, Synchronous Step-Down Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8030 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8030 Datasheet HTML 1Page - Richtek Technology Corporation RT8030 Datasheet HTML 2Page - Richtek Technology Corporation RT8030 Datasheet HTML 3Page - Richtek Technology Corporation RT8030 Datasheet HTML 4Page - Richtek Technology Corporation RT8030 Datasheet HTML 5Page - Richtek Technology Corporation RT8030 Datasheet HTML 6Page - Richtek Technology Corporation RT8030 Datasheet HTML 7Page - Richtek Technology Corporation RT8030 Datasheet HTML 8Page - Richtek Technology Corporation RT8030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT8030
3
DS8030-02
March 2011
www.richtek.com
Operation
Main Control Loop
The RT8030 is a monolithic, constant-frequency, current
mode step-down DC/DC converter. During normal
operation, the internal top power switch (P-MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the peak inductor current reach
the value defined by the voltage on the COMP pin. The
error amplifier adjusts the voltage on the COMP pin by
comparing the feedback signal from a resistor divider on
the FB pin with an internal 0.8V reference. When the load
current increases, it causes a reduction in the feedback
voltage relative to the reference. The error amplifier raises
the COMP voltage until the average inductor current
matches the new load current. When the top power
MOSFET shuts off, the synchronous power switch
(N-MOSFET) turns on until either the bottom current limit
is reached or the beginning of the next clock cycle.
The operating frequency is set by an external resistor
connected between the RT pin and ground. The practical
switching frequency can range from 300kHz to 2.5MHz.
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the internal
P-MOSFET and the inductor.
Low Supply Operation
The RT8030 is designed to operate down to an input supply
voltage of 2.6V. One important consideration at low input
supply voltages is that the RDS(ON) of the P-Channel and
N-Channel power switches increases. The user should
calculate the power dissipation when the RT8030 is used
at 100% duty cycle with low input voltages to ensure that
thermal limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant
frequency architectures by preventing sub-harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In the RT8030, however, separated inductor
current signals are used to monitor over current condition.
This keeps the maximum output current relatively constant
regardless of duty cycle.
Short Circuit Protection
When the output is shorted to ground, the inductor current
decays very slowly during a single switching cycle. A
current runaway detector is used to monitor inductor
current. As current increasing beyond the control of current
loop, switching cycles will be skipped to prevent current
runaway from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com