Electronic Components Datasheet Search
  English  ▼

X  

RT8030 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8030
Description  1A, 2.2MHz, Synchronous Step-Down Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8030 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8030 Datasheet HTML 1Page - Richtek Technology Corporation RT8030 Datasheet HTML 2Page - Richtek Technology Corporation RT8030 Datasheet HTML 3Page - Richtek Technology Corporation RT8030 Datasheet HTML 4Page - Richtek Technology Corporation RT8030 Datasheet HTML 5Page - Richtek Technology Corporation RT8030 Datasheet HTML 6Page - Richtek Technology Corporation RT8030 Datasheet HTML 7Page - Richtek Technology Corporation RT8030 Datasheet HTML 8Page - Richtek Technology Corporation RT8030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8030
1
DS8030-02
March 2011
www.richtek.com
Applications
Portable Instruments
Battery-Powered Equipment
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8030 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.6V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering output current up to 1A.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. Switching frequency is set
by an external resistor or can be synchronized to an
external clock. 100% duty cycle provides low dropout
operation extending battery life in portable systems.
Current mode operation with external compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
RT8030 operation in forced continuous PWM Mode which
minimizes ripple voltage and reduces the noise and RF
interference. 100% duty cycle in Low Dropout Operation
further maximize battery life.
1A, 2.2MHz, Synchronous Step-Down Regulator
Features
High Efficiency : Up to 95%
Low RDS(ON) Internal Switches : 160m
Ω
Ω
Ω
Ω
Ω
Programmable Frequency : 300kHz to 2.5MHz
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Forced Continuous Mode Operation
Low Dropout Operation : 100% Duty Cycle
RoHS Compliant and Halogen Free
Typical Application Circuit
Note : Using all Ceramic Capacitors
Pin Configurations
(TOP VIEW)
SOP-8
COMP
SHDN/RT
GND
PGND
LX
PVDD
FB
VDD
2
3
4
5
8
7
6
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
6
VDD
PVDD
5
RT8030
VIN
2.6V to 5.5V
4
PGND
SHDN/RT
1
LX
3
COMP
FB 7
8
GND
2
ROSC
137k
CIN
10µF x 2
L1
2.2µH
R1
210k
R2
240k
COUT
10µF x 2
RCOMP 13k
CCOMP
1nF
VOUT
1.5V/1A
Package Type
S : SOP-8
RT8030
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8030

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
More results

Similar Description - RT8030

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5728 GMT-G5728 Datasheet
77Kb / 1P
1MHz 1A Synchronous Step-Down Regulator
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
Linear Technology
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com