Electronic Components Datasheet Search
  English  ▼

X  

RT8072 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8072
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8072 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8072 Datasheet HTML 1Page - Richtek Technology Corporation RT8072 Datasheet HTML 2Page - Richtek Technology Corporation RT8072 Datasheet HTML 3Page - Richtek Technology Corporation RT8072 Datasheet HTML 4Page - Richtek Technology Corporation RT8072 Datasheet HTML 5Page - Richtek Technology Corporation RT8072 Datasheet HTML 6Page - Richtek Technology Corporation RT8072 Datasheet HTML 7Page - Richtek Technology Corporation RT8072 Datasheet HTML 8Page - Richtek Technology Corporation RT8072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT8072
4
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT8072 is a current mode synchronous step-down
DC/DC converter with two integrated power MOSFETs. It
can deliver up to 5A output current from a 2.9V to 5.5V
input supply. The RT8072's current mode architecture
allows the transient response to be optimized over a wide
input voltage and load range. Cycle-by-cycle current limit
provides protection against shorted outputs and soft-start
eliminates input current surge during start-up.
Error Amplifier
The error amplifier adjusts COMP voltage by comparing
the feedback signal (VFB) from the output voltage with the
internal 0.8V reference. When the load current increases,
it causes a drop in the feedback voltage relative to the
reference. The COMP voltage then rises to allow higher
inductor current to match the load current.
Oscillator (OSC)
The internal oscillator provides switching frequency from
300kHz to 2MHz, and is adjusted by an external resistor.
PGOOD Comparator
When the feedback voltage (VFB) rises above 94% or falls
below 106% of reference voltage, the PGOOD open drain
output will be high impedance. The PGOOD open drain
output will be internally pulled low when the feedback
voltage (VFB) falls below 90% or rises above 110% of
reference voltage.
Soft-Start (SS)
An internal current source charges an external capacitor
to build the soft-start ramp voltage (VSS). The VFB voltage
will track the VSS during soft-start interval. The chip will
use internal soft-start if the SS pin is floating. The nominal
internal soft-start time is 800
μs.
Over Temperature Protection (OTP)
The RT8072 implements an internal over temperature
protection. When junction temperature is higher than
165
°C, it will stop switching operation. Once the junction
temperature decreases below 145
°C, the RT8072 will
automatically resume switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com