Electronic Components Datasheet Search
  English  ▼

X  

RT8072 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8072
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8072 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8072 Datasheet HTML 1Page - Richtek Technology Corporation RT8072 Datasheet HTML 2Page - Richtek Technology Corporation RT8072 Datasheet HTML 3Page - Richtek Technology Corporation RT8072 Datasheet HTML 4Page - Richtek Technology Corporation RT8072 Datasheet HTML 5Page - Richtek Technology Corporation RT8072 Datasheet HTML 6Page - Richtek Technology Corporation RT8072 Datasheet HTML 7Page - Richtek Technology Corporation RT8072 Datasheet HTML 8Page - Richtek Technology Corporation RT8072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8072
3
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
For SOP-8 (Exposed Pad) Package
For WDFN-12L 3x3 Package
EN
VIN
LX
FB
Oscillator
Current
Sense
Shutdown
Control
UVLO
Driver
Control
Logic
PGND
PWM
Comparator
Error
Amplifier
Voltage
Reference
Soft-Start
BOOT
Slope
Compensation
RT
EN Threshold
COMP
GND
Over Temperature
Protection
VIN
Internal
pull up
current
EN
VIN
LX
FB
Oscillator
Current
Sense
Shutdown
Control
UVLO
Driver
Control
Logic
PGND
PWM
Comparator
Error
Amplifier
Voltage
Reference
Soft-
Start
BOOT
Slope
Compensation
SS
RT
Over Temperature
Protection
EN Threshold
PGOOD
COMP
VIN
Internal
pull up
current
VIN
Power Good
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com