Electronic Components Datasheet Search
  English  ▼

X  

RT8072 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8072
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8072 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8072 Datasheet HTML 3Page - Richtek Technology Corporation RT8072 Datasheet HTML 4Page - Richtek Technology Corporation RT8072 Datasheet HTML 5Page - Richtek Technology Corporation RT8072 Datasheet HTML 6Page - Richtek Technology Corporation RT8072 Datasheet HTML 7Page - Richtek Technology Corporation RT8072 Datasheet HTML 8Page - Richtek Technology Corporation RT8072 Datasheet HTML 9Page - Richtek Technology Corporation RT8072 Datasheet HTML 10Page - Richtek Technology Corporation RT8072 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT8072
7
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
RFB1
(k
Ω)
RFB2
(k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT
3.3
75
24
33
0.33
0.47
Cer. 20
μF + E-Cap 100μF
2.5
51
24
24
0.47
0.47
Cer. 20
μF + E-Cap 100μF
1.8
30
24
18
0.56
0.47
Cer. 20
μF + E-Cap 100μF
1.5
21
24
15
0.68
0.33
Cer. 20
μF + E-Cap 100μF
1.2
12
24
12
1
0.33
Cer. 20
μF + E-Cap 100μF
1
6
24
10
1
0.33
Cer. 20
μF + E-Cap 100μF
Table 1. Recommended Component Selection
VIN
RT8072
LX
BOOT
COMP
VOUT
RT
EN
SS
L
CBOOT
0.1µF
RFB1
RFB2
PGOOD
RPG
100k
CIN2
CIN1
10µF
VIN
RT
28.7k
CSS
10nF
RC
CC
CHF*
FB
PGND
GND
10µF
COUT1
10µF
COUT3
47µF to
100µF
COUT2
10µF
Chip Enable
* : Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com