Electronic Components Datasheet Search
  English  ▼

X  

RT8072 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8072
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8072 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8072 Datasheet HTML 1Page - Richtek Technology Corporation RT8072 Datasheet HTML 2Page - Richtek Technology Corporation RT8072 Datasheet HTML 3Page - Richtek Technology Corporation RT8072 Datasheet HTML 4Page - Richtek Technology Corporation RT8072 Datasheet HTML 5Page - Richtek Technology Corporation RT8072 Datasheet HTML 6Page - Richtek Technology Corporation RT8072 Datasheet HTML 7Page - Richtek Technology Corporation RT8072 Datasheet HTML 8Page - Richtek Technology Corporation RT8072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8072
®
DS8072-01
November 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
General Description
The RT8072 is a high efficiency PWM step-down converter
and capable of delivering 5A output current over a wide
input voltage range from 2.9V to 5.5V.
The RT8072 provides accurate regulation for a variety of
loads with an
±1% reference voltage at room temperature.
For reducing inductor size, it provides up to 2MHz
switching frequency. The efficiency is maximized through
the integrated 50m
Ω for high side, 35mΩ for low side
MOSFETs and 250
μA typical supply current.
The RT8072 features over current protection, frequency
fold back function in shorted circuit, hiccup mode under
voltage protection and over temperature protection.
The RT8072 is available in SOP-8 (Exposed Pad) and
WDFN-12L 3x3 packages.
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
Features
Integrated 50m
Ω
Ω
Ω
Ω
Ω and 35mΩ
Ω
Ω
Ω
Ω MOSFETs
5A Output Current
High Efficiency Up to 95%
2.9V to 5.5V Input Range
Adjustable PWM Frequency : 300kHz to 2MHz
0.8V
±±±±±1% Reference Voltage
Adjustable External Soft-Start
Power Good Indicator (WDFN-12L 3x3 Only)
Over Current Protection
Under Voltage Protection
Over Temperature Protection
SOP-8 (Exposed Pad) and 12-Lead WDFN Packages
RoHS Compliant and Halogen Free
Applications
Low Voltage, High Density Power Systems
Distributed Power Systems
Point-of-Load Conversions
Simplified Application Circuit
Marking Information
RT8072GSP
RT8072GSP : Product Number
YMDNN : Date Code
RT8072GQW
6C= : Product Code
YMDNN : Date Code
RT8072
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
QW : WDFN-12L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8072
GSPYMDNN
6C=YM
DNN
VIN
RT8072
LX
BOOT
COMP
VOUT
RT
EN
L
CBOOT
COUT
RFB1
RFB2
CIN
VIN
FB
GND
RT
RC
CC


Similar Part No. - RT8072

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8072

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com