Electronic Components Datasheet Search
  English  ▼

X  

RT8250 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8250
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8250 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8250 Datasheet HTML 1Page - Richtek Technology Corporation RT8250 Datasheet HTML 2Page - Richtek Technology Corporation RT8250 Datasheet HTML 3Page - Richtek Technology Corporation RT8250 Datasheet HTML 4Page - Richtek Technology Corporation RT8250 Datasheet HTML 5Page - Richtek Technology Corporation RT8250 Datasheet HTML 6Page - Richtek Technology Corporation RT8250 Datasheet HTML 7Page - Richtek Technology Corporation RT8250 Datasheet HTML 8Page - Richtek Technology Corporation RT8250 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT8250
4
DS8250-05
March 2011
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity four-layer test board of
JEDEC 51-7 thermal measurement standard. The case position of
θJC is on the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.3
3
μA
Supply Current
VEN = 3 V, VFB = 1V
--
0.7
1.2
mA
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
0.911
0.925
0.939
V
Error Amplifier Transconductance
GEA
ΔIC = ±10μA
--
1250
--
μA/V
High-Side Switch On-Resistance
RDS(ON)1
--
100
--
m
Ω
Low-Side Switch On-Resistance
RDS(ON)2
--
85
--
m
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
--
0
10
μA
Upper Switch Current Limit
Min. Duty Cycle
VBOOT – VSW = 4.8V
--
5.5
--
A
Lower Switch Current Limit
From Drain to Source
--
1.4
--
A
COMP to Current Sense
Transconductance
GCS
--
5.2
--
A/V
Oscillation Frequency
fOSC1
300
340
380
kHz
Short Circuit Oscillation Frequency
fOSC2
VFB = 0V
--
110
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
--
90
--
%
Minimum On Time
tON
--
200
--
ns
Logic-High
VIH
2.7
--
--
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Input Under Voltage Lockout
Threshold
VIN Rising
3.8
4.2
4.4
V
Input Under Voltage Lockout
Threshold Hysterisis
--
200
--
mV
Soft-Start Current
VSS = 0V
--
7
--
μA
Soft-Start Period
CSS = 0.1μF
--
13
--
ms
Thermal Shutdown
TSD
--
150
--
°C
(VIN = 12V, TA = 25
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com