Electronic Components Datasheet Search
  English  ▼

X  

RT8250 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8250
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8250 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8250 Datasheet HTML 4Page - Richtek Technology Corporation RT8250 Datasheet HTML 5Page - Richtek Technology Corporation RT8250 Datasheet HTML 6Page - Richtek Technology Corporation RT8250 Datasheet HTML 7Page - Richtek Technology Corporation RT8250 Datasheet HTML 8Page - Richtek Technology Corporation RT8250 Datasheet HTML 9Page - Richtek Technology Corporation RT8250 Datasheet HTML 10Page - Richtek Technology Corporation RT8250 Datasheet HTML 11Page - Richtek Technology Corporation RT8250 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT8250
10
DS8250-05
March 2011
www.richtek.com
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8250, the maximum junction temperature is 125
°C. The
junction to ambient thermal resistance
θJA is layout
dependent. For PSOP-8 package, the thermal resistance
θJA is 75°C/W on the standard JEDEC 51-7 four-layers
thermal test board. The maximum power dissipation at TA
= 25
°C can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
PSOP-8 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8250 package, the Figure 3 of
derating curve allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation allowed.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT8250.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the SW node to prevent stray
capacitive noise pick-up.
Place the feedback components to the FB pin and
COMP pin as close as possible.
The GND pin and Exposed Pad should be connected to
a strong ground plane for heat sinking and noise
protection.
Figure 3. Derating Curve for RT8250 Package
VIN
GND
CIN
2
3
4
5
8
7
6
GND
SS
BOOT
VIN
GND
SW
FB
EN
COMP
GND
CS
CP
CC
RC
SW
VOUT
COUT
L1
Input capacitor must be placed
as close to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The feedback
components must be
connected as close to
the device as possible.
R1
R2
VOUT
Figure 4. PCB Layout Guide
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
255075
100
125
Ambient Temperature
Four-Layer PCB
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com