Electronic Components Datasheet Search
  English  ▼

X  

RT8250 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8250
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8250 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8250 Datasheet HTML 4Page - Richtek Technology Corporation RT8250 Datasheet HTML 5Page - Richtek Technology Corporation RT8250 Datasheet HTML 6Page - Richtek Technology Corporation RT8250 Datasheet HTML 7Page - Richtek Technology Corporation RT8250 Datasheet HTML 8Page - Richtek Technology Corporation RT8250 Datasheet HTML 9Page - Richtek Technology Corporation RT8250 Datasheet HTML 10Page - Richtek Technology Corporation RT8250 Datasheet HTML 11Page - Richtek Technology Corporation RT8250 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT8250
11
DS8250-05
March 2011
www.richtek.com
Table 3. Suggested Capacitors for CIN and COUT
Component Supplier
Series
Dimensions (mm)
TDK
VLF10045
10 x 9.7 x 4.5
TAIYO YUDEN
NR8040
8x8x4
Table 2. Suggested Inductors for Typical Application Circuit
Component Supplier
Part No.
Capacitance (μF)
Case Size
MURATA
GRM31CR61E106K
10
1206
TDK
C3225X5R1E106K
10
1206
TAIYO YUDEN
TMK316BJ106ML
10
1206
MURATA
GRM31CR60J476M
47
1206
TDK
C3225X5R0J476M
47
1210
TAIYO YUDEN
EMK325BJ476MM
47
1210
MURATA
GRM32ER71C226M
22
1210
TDK
C3225X5R1C226M
22
1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com