Electronic Components Datasheet Search
  English  ▼

X  

RT8250 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8250
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8250 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8250 Datasheet HTML 1Page - Richtek Technology Corporation RT8250 Datasheet HTML 2Page - Richtek Technology Corporation RT8250 Datasheet HTML 3Page - Richtek Technology Corporation RT8250 Datasheet HTML 4Page - Richtek Technology Corporation RT8250 Datasheet HTML 5Page - Richtek Technology Corporation RT8250 Datasheet HTML 6Page - Richtek Technology Corporation RT8250 Datasheet HTML 7Page - Richtek Technology Corporation RT8250 Datasheet HTML 8Page - Richtek Technology Corporation RT8250 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT8250
5
DS8250-05
March 2011
www.richtek.com
Frequency vs. Temperature
300
305
310
315
320
325
330
335
340
345
350
-50
-25
0
25
50
75
100
125
Temperature
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
VIN = 12V
VIN = 23V
VOUT = 3.3V
VIN = 4.75V
Output Voltage vs. Output Current
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
00.5
11.5
22.5
3
Output Current (A)
VIN = 12V
VIN = 23V
VIN = 4.75V
VOUT = 3.3V
Reference Voltage vs. Input Voltage
0.920
0.922
0.924
0.926
0.928
0.930
0.932
4
6
8
10
121416
1820
2224
Input Voltage (V)
VOUT = 3.3V, IOUT = 0A
Reference Voltage vs. Temperature
0.910
0.915
0.920
0.925
0.930
0.935
0.940
-50
-25
0
25
50
75
100
125
Temperature
VIN = 6V, VOUT = 3.3V
(
°C)
Frequency. vs. Input Voltage
300
305
310
315
320
325
330
335
340
345
350
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
VOUT = 3.3V, IOUT = 0A
VIN = 12V, VOUT = 3.3V, IOUT = 0A
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com