Electronic Components Datasheet Search
  English  ▼

X  

AMP01AX Datasheet(PDF) 5 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 5 Page - Analog Devices

  AMP01AX Datasheet HTML 1Page - Analog Devices AMP01AX Datasheet HTML 2Page - Analog Devices AMP01AX Datasheet HTML 3Page - Analog Devices AMP01AX Datasheet HTML 4Page - Analog Devices AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ORDERING GUIDE
Model
Temperature Range
Package Description Package Option
AMP01AX
–55
°C to +125°C
18-Lead Cerdip
Q-18
AMP01AX/883C
–55
°C to +125°C
18-Lead Cerdip
Q-18
AMP01BTC/883C
–55
°C to +125°C
28-Terminal LCC
E-28A
AMP01BX
–55
°C to +125°C
18-Lead Cerdip
Q-18
AMP01BX/883C
–55
°C to +125°C
18-Lead Cerdip
Q-18
AMP01EX
–25
°C to +85°C
18-Lead Cerdip
Q-18
AMP01FX
–25
°C to +85°C
18-Lead Cerdip
Q-18
AMP01GBC
Die
AMP01GS
0
°C to +70°C
20-Lead SOIC
R-20
AMP01GS-REEL
0
°C to +70°C13" Tape and Reel
R-20
AMP01NBC
Die
5962-8863001VA* –55
°C to +125°C
18-Lead Cerdip
Q-18
5962-88630023A* –55
°C to +125°C
28-Terminal LCC
E-28A
5962-8863002VA* –55
°C to +125°C
18-Lead Cerdip
Q-18
*Standard military drawing available.
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, unless otherwise noted)
AMP01A/E
AMP01B/F/G
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max
Units
SENSE INPUT
Input Resistance
RIN
35
50
65
35
50
65
k
Ω
Input Current
IIN
Referenced to V–
280
280
µA
Voltage Range
(Note 1)
–10.5
+15
–10.5
+15
V
REFERENCE INPUT
Input Resistance
RIN
35
50
65
35
50
65
k
Ω
Input Current
IIN
Referenced to V–
280
280
µA
Voltage Range
(Note 1)
–10.5
+15
–10.5
+15
V
Gain to Output
1
1
V/V
POWER SUPPLY –25
°C ≤ T
A
≤ +85°C for E/F Grades, –55°C ≤ T
A
≤ +125°C for A/B Grades
Supply Voltage Range
VS
+V linked to +VOP
±4.5
±18
±4.5
±18
V
VS
–V linked to –VOP
±4.5
±18
±4.5
±18
V
Quiescent Current
IQ
+V linked to +VOP
3.0
4.8
3.0
4.8
mA
IQ
–V linked to –VOP
3.4
4.8
3.4
4.8
mA
NOTE
1Guaranteed by design.
Specifications subject to change without notice.
AMP01
–5–
REV. D
1. RG
2. RG
3. –INPUT
4. VOOS NULL
5. VOOS NULL
6. TEST PIN*
7. SENSE
8. REFERENCE
9. OUTPUT
10. V– (OUTPUT)
11. V–
12. V+
13. V+ (OUTPUT)
14. RS
15. RS
16. VIOS NULL
17. VIOS NULL
18. +INPUT
* MAKE NO ELECTRICAL CONNECTION
DICE CHARACTERISTICS
Die Size 0.111
× 0.149 inch, 16,539 sq. mils
(2.82
× 3.78 mm, 10.67 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com