Electronic Components Datasheet Search
  English  ▼

X  

AMP01AX Datasheet(PDF) 14 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 14 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices AMP01AX Datasheet HTML 16Page - Analog Devices AMP01AX Datasheet HTML 17Page - Analog Devices AMP01AX Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AMP01
–14–
REV. D
If heavy output currents are expected and the load is situated
some distance from the amplifier, voltage drops due to track or
wire resistance will cause errors. Voltage drops are particularly
troublesome when driving 50
Ω loads. Under these conditions,
the sense and reference terminals can be used to “remote sense”
the load as shown in Figure 33. This method of connection puts
the I
×R drops inside the feedback loop and virtually eliminates
the error. An unbalance in the lead resistances from the sense
and reference pins does not degrade CMR, but will change the
output offset voltage. For example, a large unbalance of 3
Ω will
change the output offset by only 1 mV.
DRIVING 50
LOADS
Output currents of 50 mA are guaranteed into loads of up to
50
Ω and 26 mA into 500 Ω. In addition, the output is stable
and free from oscillation even with a high load capacitance. The
combination of these unique features in an instrumentation
amplifier allows low-level transducer signals to be conditioned
and directly transmitted through long cables in voltage or cur-
rent form. Increased output current brings increased internal
dissipation, especially with 50
Ω loads. For this reason, the
power-supply connections are split into two pairs; pins 10 and
13 connect to the output stage only and pins 11 and 12 provide
power to the input and following stages. Dual supply pins allow
dropper resistors to be connected in series with the output stage
so excess power is dissipated outside the package. Additional
decoupling is necessary between pins 10 and 13 to ground to
maintain stability when dropper resistors are used. Figure 34
shows a complete circuit for driving 50
Ω loads.
AMP01
+IN
–IN
RG
18
1
2
3
14
15
12
13
7
9
8
10
11
V–
V+
SENSE
REFERENCE
*
*
OUTPUT
GROUND
TWISTED
PAIRS
REMOTE
LOAD
IN4148 DIODES ARE OPTIONAL. DIODES LIMIT THE OUTPUT
VOLTAGE EXCURSION IF SENSE AND/OR REFERENCE LINES
BECOME DISCONNECTED FROM THE LOAD.
*
RS
Figure 33. Remote Load Sensing
+IN
–IN
RG
AMP01
14
15
12
13
7
9
8
10
11
18
1
2
3
RS
5k
R1
130
1W
C1
0.047 F
0.047 F
+15V
SENSE
REFERENCE
VOUT
3V MAX
50
LOAD
C2
0.047 F
R2
130
1W
0.047 F
–15V
POWER BANDWIDTH, G = 100, 130kHz
POWER BANDWIDTH, G = 10, 200kHz
T.H.D.~0.04% @ 1kHz, 2Vrms
VOLTAGE GAIN, G =
(
)
20
RS
RG
RESISTERS R1 AND R2 REDUCE IC DISSIPATION
Figure 34. Driving 50
Ω Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com