Electronic Components Datasheet Search
  English  ▼

X  

AMP01AX Datasheet(PDF) 18 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 18 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices AMP01AX Datasheet HTML 16Page - Analog Devices AMP01AX Datasheet HTML 17Page - Analog Devices AMP01AX Datasheet HTML 18Page - Analog Devices AMP01AX Datasheet HTML 19Page - Analog Devices AMP01AX Datasheet HTML 20Page - Analog Devices AMP01AX Datasheet HTML 21Page - Analog Devices AMP01AX Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
AMP01
–18–
REV. D
15
14
18
1
2
3
RG
–IN
RS
10k
MAXIMUM OUTPUT, 20V p-p INTO 600
T.H.D. 0.01% @ 1kHz, 20V p-p INTO 600 , G = 10
(
)
20
RS
RG
VOLTAGE GAIN, G =
AMP01
RG
RG
RS
RS
+
RL
DIFFERENTIAL
OUTPUT
OUTPUT
COMMON-MODE
REFERENCE
( 5V MAX)
OP37
2
3
7
6
4
470pF
1.5k
*5k
*5k
*MATCHED TO 0.1%
7
8
9
13
10
12
11
0V
V+
V–
–15V
+15V
0V
0.047 F
0.047 F
0V
SENSE
+IN
REFERENCE
Figure 40. A Differential Input Instrumentation Amplifier with Differential Output Replaces a Transformer in Many
Applications. The Output will Drive a 600
Ω Load at Low Distortion, (0.01%).
18
1
2
3
R1
390
CLOSED-LOOP VOLTAGE GAIN MUST BE
GREATER THAN 50 FOR STABLE OPERATION
(
)
R2
R3
1 +
VOLTAGE GAIN, G =
VIN
AMP01
RG
RG
RS
RS
7
8
9
13
10
12
11
V+
V–
VOUT
+15V
NC
NC
–15V
0.047 F
+
10 F
R2
4.95k
R3
50
RL
CL
15
14
POWER BANDWIDTH (–3dB)
~150kHz
TOTAL HARMONIC DISTORTION
~0.006%
@1kHz, 20V p-p INTO 500
// 1000pF
0.047 F
+
10 F
REF
SENSE
NC = NO CONNECT
Figure 41. Configuring the AMP01 as a Noninverting Operational Amplifier Provides Exceptional Performance. The
Output Handles Low Load Impedances at Very Low Distortion, 0.006%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com