Electronic Components Datasheet Search
  English  ▼

X  

AMP01AX Datasheet(PDF) 7 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 7 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 3Page - Analog Devices AMP01AX Datasheet HTML 4Page - Analog Devices AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AMP01
–7–
REV. D
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, unless otherwise noted)
AMP01NBC
AMP01GBC
Parameter
Symbol
Conditions
Typical
Typical
Units
Input Offset Voltage Drift
TCVIOS
0.15
0.30
µV/°C
Output Offset Voltage Drift
TCVOOS
RG =
∞
20
50
µV/°C
Input Bias Current Drift
TCIB
40
50
pA/
°C
Input Offset Current Drift
TCIOS
3
5
pA/
°C
Nonlinearity
G = 1000
0.0007
0.0007
%
Voltage Noise Density
en
G = 1000
fO = 1 kHz
5
5
nV/
√Hz
Current Noise Density
in
G = 1000
fO = 1 kHz
0.15
0.15
pA/
√Hz
Voltage Noise
en p-p
G = 1000
0.1 Hz to 10 Hz
0.12
0.12
µV p-p
Current Noise
in p-p
G = 1000
2
2
pA p-p
0.1 Hz to 10 Hz
Small-Signal Bandwidth (–3 dB) BW
G = 1000
26
26
kHz
Slew Rate
SR
G = 10
4.5
4.5
V/
µs
Settling Time
tS
To 0.01%, 20 V Step
G = 1000
50
50
µs
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com