Electronic Components Datasheet Search
  English  ▼

X  

ADS4245 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4245
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4245 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS4245 Datasheet HTML 35Page - Texas Instruments ADS4245 Datasheet HTML 36Page - Texas Instruments ADS4245 Datasheet HTML 37Page - Texas Instruments ADS4245 Datasheet HTML 38Page - Texas Instruments ADS4245 Datasheet HTML 39Page - Texas Instruments ADS4245 Datasheet HTML 40Page - Texas Instruments ADS4245 Datasheet HTML 41Page - Texas Instruments ADS4245 Datasheet HTML 42Page - Texas Instruments ADS4245 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
Register Address 42h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
CLKOUT DELAY PROG
0
0
0
0
Bits D[7:4]
CLKOUT DELAY PROG
These bits are useful to delay output clock in LVDS mode to optimize setup and hold time.
Typical delay in output clock obtained by these bits in LVDS mode is given below:
0000 = Default
0001 = 190 ps
0010 = 350 ps
0011 = 700 ps
0111 = 1000 ps
1011 = 1250 ps
1111 = 1450 ps
Others = Do not use
Bits D[3:0]
Always write '0'
Register Address 44h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
EN DIGITAL
Bits D[7:1]
Always write '0'
Bit D0
EN DIGITAL: Digital function enable
0 = Default
1 = Digital functions including test pattern are enabled
Register Address 45h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
LVDS CLKOUT
LVDS DATA
STBY
0
0
PDN GLOBAL
0
0
STRENGTH
STRENGTH
Bit D7
STBY: Standby setting
0 = Normal operation
1 = Both channels are put in standby; wake-up time from this mode is fast (typically 50 µs).
Bit D6
LVDS CLKOUT STRENGTH: LVDS output clock buffer strength setting
0 = LVDS output clock buffer at default strength to be used with 100-
Ω external termination
1 = LVDS output clock buffer has double strength to be used with 50-
Ω external termination
Bit D5
LVDS DATA STRENGTH
0 = All LVDS data buffers at default strength to be used with 100-
Ω external termination
1 = All LVDS data buffers have double strength to be used with 50-
Ω external termination
Bits D[4:3]
Always write '0'
Bit D2
PDN GLOBAL
0 = Normal operation
1 = Total power down; all ADC channels, internal references, and output buffers are powered
down. Wake-up time from this mode is slow (typically 100 µs).
Bits D[1:0]
Always write '0'
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com