Electronic Components Datasheet Search
  English  ▼

X  

ADS4245 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4245
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4245 Datasheet(HTML) 2 Page - Texas Instruments

  ADS4245 Datasheet HTML 1Page - Texas Instruments ADS4245 Datasheet HTML 2Page - Texas Instruments ADS4245 Datasheet HTML 3Page - Texas Instruments ADS4245 Datasheet HTML 4Page - Texas Instruments ADS4245 Datasheet HTML 5Page - Texas Instruments ADS4245 Datasheet HTML 6Page - Texas Instruments ADS4245 Datasheet HTML 7Page - Texas Instruments ADS4245 Datasheet HTML 8Page - Texas Instruments ADS4245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
ADS42B49
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD AND BALL
PACKAGE
ORDERING
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN
(2)
FINISH
MARKING
NUMBER
TRANSPORT MEDIA
ADS42B49IRGCT
Tape and Reel
GREEN (RoHS,
ADS42B49
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ42B49
no Sb/Br)
ADS42B49IRGCR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS42B49 is pin-compatible with the previous generation ADS62P49 data converter; this similar
architecture enables easy migration. However, there are some important differences between the two device
generations, summarized in Table 1.
Table 1. Migrating from the ADS62P49 and ADS4249
ADS62P49
ADS4249
ADS42B49
PINS
Pin 22 is NC (not connected).
Pin 22 is AVDD (1.8 V)
Pin 22 is AVDD (1.9 V)
Must float.
Pin 34 is AVDD (3.3 V)
Pin 34 is AVDD (1.8 V)
Pin 34 is AVDD_BUF (3.3 V)
Pin 38 is DRVDD (1.8 V)
Pin 38 is NC. Must float.
Pin 38 is DRVDD (1.8 V)
Pin 39 is DRGND
Pin 39 is NC. Must float.
Pin 39 is DRGND
Pin 58 is DRVDD (1.8 V)
Pin 58 is NC. Must float.
Pin 58 is DRVDD (1.8 V)
Pin 59 is DRGND
Pin 59 is NC. Must float.
Pin 59 is DRGND
SUPPLY
AVDD is 3.3 V
AVDD is 1.8 V
AVDD is 1.9 V
DRVDD is 1.8 V
DRVDD is 1.8 V
DRVDD is 1.8 V
AVDD_BUF is 3.3 V
INPUT COMMON-MODE VOLTAGE
CM is 1.5 V
CM is 0.95 V
CM is 1.9 V
BIASING FOR INPUT PINS (INP, INM)
INP and INM do not require external
INP and INM must be externally
NP and INM must be externally biased at 0.95 V
biasing. Device internally biases these
biased at 1.5 V
pins to 1.9 V.
EXTERNAL REFERENCE
Supported
Not supported
Not supported
PARALLEL CONFIGURATION
SCLK pin controls internal and
SCLK pin enables low-speed mode
SCLK pin enables low-speed mode
external reference mode
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com