Electronic Components Datasheet Search
  English  ▼

X  

ADS4245 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4245
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4245 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS4245 Datasheet HTML 45Page - Texas Instruments ADS4245 Datasheet HTML 46Page - Texas Instruments ADS4245 Datasheet HTML 47Page - Texas Instruments ADS4245 Datasheet HTML 48Page - Texas Instruments ADS4245 Datasheet HTML 49Page - Texas Instruments ADS4245 Datasheet HTML 50Page - Texas Instruments ADS4245 Datasheet HTML 51Page - Texas Instruments ADS4245 Datasheet HTML 52Page - Texas Instruments ADS4245 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
CLKP
CLKM
0.1 F
m
CMOS
ClockInput
Device
0.1 F
m
VCM
CLKP
VCM
5kW
5kW
2pF
20 W
L
2nH
PKG
C
1pF
BOND
R
100 W
ESR
CLKM
C ock
l
Bufe
f r
C
EQ
20 W
L
2nH
PKG
C
1pF
BOND
R
100 W
ESR
C
EQ
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
NOTE: CEQ is 1 pF to 3 pF and is the equivalent input capacitance of the clock buffer.
Figure 56. Internal Clock Buffer
A single-ended CMOS clock can be ac-coupled to the CLKP input, with CLKM connected to ground with a 0.1-
μF
capacitor, as shown in Figure 57. For best performance, the clock inputs must be driven differentially, thereby
reducing susceptibility to common-mode noise. For high input frequency sampling, TI recommends using a clock
source with very low jitter. Band-pass filtering of the clock source can help reduce the effects of jitter. There is no
change in performance with a non-50% duty cycle clock input.
Figure 57. Single-Ended Clock Driving Circuit
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com