Electronic Components Datasheet Search
  English  ▼

X  

LMP91051 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP91051 Datasheet HTML 3Page - Texas Instruments LMP91051 Datasheet HTML 4Page - Texas Instruments LMP91051 Datasheet HTML 5Page - Texas Instruments LMP91051 Datasheet HTML 6Page - Texas Instruments LMP91051 Datasheet HTML 7Page - Texas Instruments LMP91051 Datasheet HTML 8Page - Texas Instruments LMP91051 Datasheet HTML 9Page - Texas Instruments LMP91051 Datasheet HTML 10Page - Texas Instruments LMP91051 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Electrical Characteristics
(1) (continued)
The following specifications apply for VDD = 3.3V, VIO = 3.3V, VCM = 1.15V, Bold values for TA = -40°C to +85°C unless
otherwise specified. All other limits apply to TA = TJ = +25°C.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
Phase Delay variation with
250mV input step signal, Gain = 8, Vout
TCPhDly
84
ns
Temperature
measured at Vdd/2
SSBW
Small Signal Bandwidth
Gain = 32 V/V
360
kHz
Cin
Input Capacitance
5
pF
CLOAD,
OUT Pin Load Capacitance
Series RC
1
µF
OUT
RLOAD,
OUT Pin Load Resistance
Series RC
1
k
Ω
OUT
Combined Amplifier Chain Specification
Combination of both current and voltage noise,
en
Input-Referred Noise Density
with a 86k
Ω source impedance at 5Hz, Gain =
30
nV
√Hz
7986
Combination of both current and voltage noise,
0.12
Input-Referred Integrated Noise with a 86k
Ω source impedance 0.1Hz to 10Hz,
0.1
µVrms
(4)
Gain = 7986
PGA1 GAIN = 42, PGA2 GAIN = 4
167
PGA1 GAIN = 42, PGA2 GAIN = 8
335
PGA1 GAIN = 42, PGA2 GAIN = 16
669
PGA1 GAIN = 42, PGA2 GAIN = 32
1335
G
Gain
V/V
PGA1 GAIN = 250, PGA2 GAIN = 4
1002
PGA1 GAIN = 250, PGA2 GAIN = 8
2004
PGA1 GAIN = 250, PGA2 GAIN = 16
4003
PGA1 GAIN = 250, PGA2 GAIN = 32
7986
GE
Gain Error
Any gain
5
%
Gain = 167 V/V, 335 V/V, 669 V/V, 1335 V/V
6
ppm/°C
TCCGE
Gain Temp Coefficient (5)
Gain = 1002 V/V, 2004 V/V, 4003 V/V, 7986V/V
20
ppm/°C
PSRR
Power Supply Rejection Ratio
DC, 3.0V to 3.6V supply, gain = 1002V/V
90
110
dB
1mV input step signal, Gain = 1002, Vout
PhDly
Phase Delay
measured at Vdd/2
9
µs
Phase Delay variation with
1mV input step signal, Gain=1002, Vout
TCPhDly
Temperature (6)
measured at Vdd/2
300
ns
Gain = 167 V/V
70
Gain = 335 V/V
100
Gain = 669 V/V
160
Gain = 1335 V/V
290
Output Offset Voltage
TCVOS
μV/°C
Temperature Drift (5)
Gain = 1002 V/V
230
Gain = 2004 V/V
420
Gain = 4003 V/V
800
Gain = 7986V/V
1550
Common Mode Generator
VDD = 3.3V
1.15
VCM
Common Mode Voltage
V
VDD = 5V
2.59
VCM accuracy
2
%
CLOAD
CMOut Load Capacitance
10
nF
(4)
Guaranteed by design and characterization. Not tested on shipped production material.
(5)
TCCGE and TCVOS are calculated by taking the largest slope between -40°C and 25°C linear interpolation and 25°C and 85°C linear
interpolation.
(6)
TCPhDly is largest change in phase delay between -40°C and 25°C measurements and 25°C and 85°C measurements.
Copyright © 2012, Texas Instruments Incorporated
7
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com