Electronic Components Datasheet Search
  English  ▼

X  

LMP91051 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP91051 Datasheet HTML 10Page - Texas Instruments LMP91051 Datasheet HTML 11Page - Texas Instruments LMP91051 Datasheet HTML 12Page - Texas Instruments LMP91051 Datasheet HTML 13Page - Texas Instruments LMP91051 Datasheet HTML 14Page - Texas Instruments LMP91051 Datasheet HTML 15Page - Texas Instruments LMP91051 Datasheet HTML 16Page - Texas Instruments LMP91051 Datasheet HTML 17Page - Texas Instruments LMP91051 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
0
50
100
150
200
250
300
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DAC CODE
VDD = 3.3V
G = 1002 V/V
G = 2004 V/V
G = 4003 V/V
G = 7986 V/V
0
50
100
150
200
250
300
-0.50
0.25
1.00
1.75
2.50
3.25
4.00
4.75
5.50
DAC CODE
VDD = 5V
G = 1002 V/V
G = 2004 V/V
G = 4003 V/V
G = 7986 V/V
10k
100k
1M
10M
0
10
20
30
40
FREQUENCY (Hz)
G = 32 V/V
G = 16 V/V
G = 8 V/V
G = 4 V/V
10
100
1k
60
70
80
90
100
110
120
FREQUENCY (Hz)
G = 7986 V/V
G = 4003 V/V
G = 2004 V/V
G = 1002 V/V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
50
55
60
65
70
VDD (V)
G = 1002 V/V
1k
10k
100k
1M
0
10
20
30
40
50
60
FREQUENCY (Hz)
G = 250 V/V
G = 42 V/V
LMP91051
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
Typical Performance Characteristics (continued)
VDD = +3.3V, VCM = 1.15V, and TA = 25°C unless otherwise noted
Output Offset
vs.
Supply Voltage
PGA1 Small Signal Bandwidth
Power Supply Rejection Ratio
vs.
PGA2 Small Signal Bandwidth
Frequency
DAC DC Sweep
DAC DC Sweep
Functional Description
PROGRAMMABLE GAIN AMPLIFIER
The LMP91051 offers two programmable gain modes (low/high) with four programmable gain settings each. The
purpose of the gain mode is to enable thermopiles with larger dark voltage levels. All gain settings are accessible
through bits GAIN1 and GAIN2[1:0]. The low gain mode has a range of 167 V/V to 1335 V/V while the high gain
mode has a range of 1002 V/V to 7986 V/V. The PGA is referenced to the internally generated VCM. Input
signal, referenced to this VCM voltage, should be within +/-2mV (see VINMAX_HGM specification) in high gain
mode. In the low gain mode the first stage will provide a gain of 42 V/V instead of 250 V/V, thus allowing a larger
maximum input signal up to +/-12mV (VINMAX_LGM).
14
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com