Electronic Components Datasheet Search
  English  ▼

X  

LMP91051 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 3 Page - Texas Instruments

  LMP91051 Datasheet HTML 1Page - Texas Instruments LMP91051 Datasheet HTML 2Page - Texas Instruments LMP91051 Datasheet HTML 3Page - Texas Instruments LMP91051 Datasheet HTML 4Page - Texas Instruments LMP91051 Datasheet HTML 5Page - Texas Instruments LMP91051 Datasheet HTML 6Page - Texas Instruments LMP91051 Datasheet HTML 7Page - Texas Instruments LMP91051 Datasheet HTML 8Page - Texas Instruments LMP91051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OUT
IN2
DAC
VREF
CM GEN
G1 = 250,42
G2 = 4,8,16,32
SPI
VDD
LMP91051
CMOUT
+
-
PGA1
+
-
PGA2
A0
A1
CMOUT
IN1
SPI
GND
CSB
SCLK
SDIO
VIO
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Table 1. Key Specifications
VALUE
UNIT
■ Programmable gain
167 to 7986
V/V
■ Low noise (0.1 to 10 Hz)
0.1
μVRMS
■ Gain Drift
20
ppm/°C (typ)
■ Phase Delay Drift
300
ns (typ)
■ Power supply voltage range
2.7 to 5.5
V
Block Diagram
Figure 1. Configurable AFE for NDIR
Typical Application
Copyright © 2012, Texas Instruments Incorporated
3
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com