Electronic Components Datasheet Search
  English  ▼

X  

LMP91051 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP91051 Datasheet HTML 12Page - Texas Instruments LMP91051 Datasheet HTML 13Page - Texas Instruments LMP91051 Datasheet HTML 14Page - Texas Instruments LMP91051 Datasheet HTML 15Page - Texas Instruments LMP91051 Datasheet HTML 16Page - Texas Instruments LMP91051 Datasheet HTML 17Page - Texas Instruments LMP91051 Datasheet HTML 18Page - Texas Instruments LMP91051 Datasheet HTML 19Page - Texas Instruments LMP91051 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
c7
c6
c5
c4
c3
c2
c1
c0
d7
d6
d5
d4
d3
d2
d1
d0
CSB
SCK
COMMAND FIELD
DATA FIELD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LSB
MSB
Reserved to 0
Address (4 bits)
Write Data (8-bits)
Wb=0
LMP91051
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
CSB
Chip Select is a active-low signal. CSB needs to be asserted throughout a transaction. That is, CSB should not
pulse between the Instruction Byte and the Data Byte of a single transaction.
Note that CSB de-assertion always terminates an on-going transaction, if it is not already complete. Likewise,
CSB assertion will always bring the device into a state, ready for next transaction, regardless of the termination
status of a previous transaction.
CSB may be permanently tied low for a 2-wire SPI communication protocol.
SCLK
SCLK can idle High or Low for a write transaction. However, for a READ transaction, SCLK should idle high.
SCLK features a Schmitt-triggered input and although it has hysterisis, it is recommened to keep SCLK as clean
as possible to prevent glitches from inadvertently spoiling the SPI frame.
Communication Protocol
Communication on the SPI normally involves Write and Read transactions. Write transaction consists of single
Write Command Byte, followed by single Data byte. The following figure shows the SPI Interface Protocol for
write transaction.
Figure 11. SPI Interface Protocol
For Read transactions, user first needs to write into a SDIO mode enable register for enabling the SPI read
mode. Once the device is enabled for Reading, the data is driven out on the SDIO pin during the Data field of the
Read Transaction. SDIO pin is designed as a bidirectional pin for this purpose. Figure 6 shows the Read
transaction. The sequence of commands that need to be issued by the SPI Master to enable SPI read mode is
illustrated in Figure 13.
16
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com