Electronic Components Datasheet Search
  English  ▼

X  

TPS61196PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196PWPR
Description  6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61196PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61196PWPR Datasheet HTML 3Page - Texas Instruments TPS61196PWPR Datasheet HTML 4Page - Texas Instruments TPS61196PWPR Datasheet HTML 5Page - Texas Instruments TPS61196PWPR Datasheet HTML 6Page - Texas Instruments TPS61196PWPR Datasheet HTML 7Page - Texas Instruments TPS61196PWPR Datasheet HTML 8Page - Texas Instruments TPS61196PWPR Datasheet HTML 9Page - Texas Instruments TPS61196PWPR Datasheet HTML 10Page - Texas Instruments TPS61196PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
0
10
20
30
40
50
60
70
80
90
100
PWM Dimming Duty Cycle (%)
VIN = 12 V
VIN = 24 V
20 LEDs (VOUT = 60 V)
200 Hz Dimming Frequency
G001
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
0
10
20
30
40
50
60
70
80
90
100
PWM Dimming Duty Cycle (%)
VIN = 12 V
VIN = 24 V
16 LEDs (VOUT = 50 V)
200 Hz Dimming Frequency
G002
TPS61196
www.ti.com
SLVSBG1C – OCTOBER 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS
Table 1. TABLE OF GRAPHS
Figure 1 as test circuit
TITLE
TEST CONDITIONS
FIGURE
Efficiency (20LEDs)
20 LEDs(VOUT = 60V), IOUT = 0.78A, 200Hz Dimming Frequency
Figure 2
Efficiency (16LEDs)
16 LEDs(VOUT = 50V), IOUT = 0.78A, 200Hz Dimming Frequency
Figure 3
Dimming Linearity
20 LEDs(VOUT = 60V), VIN = 24V
Figure 4
Dimming Linearity at Low Dimming Duty Cycle
20 LEDs(VOUT = 60V), VIN = 24V
Figure 5
DC Load Efficiency
fSW = 200 kHz
Figure 6
Switching Frequency Setting
VIN = 24V
Figure 7
Recommended Minimum Headroom Voltage
Figure 8
Boost Switching Waveform
VIN = 24V, VOUT = 74V, IOUT = 0.78A
Figure 9
Startup Waveform (1% Dimming)
200Hz Dimming Frequency, 1% Dimming Duty Cycle
Figure 10
Startup Waveform (100% Dimming)
200Hz Dimming Frequency, 100% Dimming Duty Cycle
Figure 11
Dimming Waveform (0.1% Dimming)
200Hz Dimming Frequency, 0.1% Dimming Duty Cycle
Figure 12
Dimming Waveform (2% Dimming)
200Hz Dimming Frequency, 2% Dimming Duty Cycle
Figure 13
Shutdown Waveform (1% Dimming)
200Hz Dimming Frequency, 1% Dimming Duty Cycle
Figure 14
Shutdown Waveform (100% Dimming)
200Hz Dimming Frequency, 100% Dimming Duty Cycle
Figure 15
LED Open Protection (1% Dimming)
200Hz Dimming Frequency, 1% Dimming Duty Cycle
Figure 16
LED Open Protection (100% Dimming)
200Hz Dimming Frequency, 100% Dimming Duty Cycle
Figure 17
LED Short Protection (1% Dimming)
200Hz Dimming Frequency, 1% Dimming Duty Cycle
Figure 18
LED Short Protection (100% Dimming)
200Hz Dimming Frequency, 100% Dimming Duty Cycle
Figure 19
IFB Short to Ground Protection (1% Dimming)
200Hz Dimming Frequency, 1% Dimming Duty Cycle
Figure 20
IFB Short to Ground Protection (100% Dimming)
200Hz Dimming Frequency, 100% Dimming Duty Cycle
Figure 21
EFFICIENCY (20LEDs)
EFFICIENCY (16LEDs)
Figure 2.
Figure 3.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS61196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com