Electronic Components Datasheet Search
  English  ▼

X  

TPS61196PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196PWPR
Description  6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61196PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61196PWPR Datasheet HTML 9Page - Texas Instruments TPS61196PWPR Datasheet HTML 10Page - Texas Instruments TPS61196PWPR Datasheet HTML 11Page - Texas Instruments TPS61196PWPR Datasheet HTML 12Page - Texas Instruments TPS61196PWPR Datasheet HTML 13Page - Texas Instruments TPS61196PWPR Datasheet HTML 14Page - Texas Instruments TPS61196PWPR Datasheet HTML 15Page - Texas Instruments TPS61196PWPR Datasheet HTML 16Page - Texas Instruments TPS61196PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VIN
EN
PWMx
FAULT
REF
Switching
VOUT
IFBx
UVLO
Rising Threshold
REF Voltage = OVP Voltage
Unused Channel
Detection
Falling Threshold
VDD
20ms
200 s
μ
40 s
μ
TPS61196
www.ti.com
SLVSBG1C – OCTOBER 2012 – REVISED FEBRUARY 2013
Figure 23. Power up Sequencing
The TPS61196 has integrated the soft-start circuitry working with an external capacitor at the REF pin to avoid
inrush current during startup. During the startup period, the capacitor at the REF pin is charged with a soft-start
current source. When the REF pin voltage is higher than the output feedback voltage at the OVP pin, the boost
controller starts switching and the output voltage starts to ramp up. At the same time, the LED current sink starts
to drive the LED strings. At the beginning of the soft start, the charge current is 200µA. Once the voltage of the
REF pin exceeds 2.0V, the charge current changes to 10µA and continues to charge the capacitor. When the
current sinks are driving the LED strings, the IFB voltages are monitored. When the minimum IFB voltage is
above 200mV less than the setting voltage at the IFBV pin, the charge current is stopped and the soft startup is
finished. The TPS61196 enters normal operation to regulate the minimum IFB voltage to the required voltage set
by the resistor at the IFBV pin. The total soft start time is determined by the external capacitance. The
capacitance must be within 1.0µF to 4.7µF for different startup time and different output voltage.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :TPS61196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com