Electronic Components Datasheet Search
  English  ▼

X  

TPS61196PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196PWPR
Description  6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61196PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61196PWPR Datasheet HTML 1Page - Texas Instruments TPS61196PWPR Datasheet HTML 2Page - Texas Instruments TPS61196PWPR Datasheet HTML 3Page - Texas Instruments TPS61196PWPR Datasheet HTML 4Page - Texas Instruments TPS61196PWPR Datasheet HTML 5Page - Texas Instruments TPS61196PWPR Datasheet HTML 6Page - Texas Instruments TPS61196PWPR Datasheet HTML 7Page - Texas Instruments TPS61196PWPR Datasheet HTML 8Page - Texas Instruments TPS61196PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS61196
SLVSBG1C – OCTOBER 2012 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERING PART NUMBER
TOP MARK
-40°C to 85°C
28-Pin HTSSOP
TPS61196PWPR
TPS61196
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Pin VIN
–0.3
33
Pin FAULT
–0.3
VIN
Pin IFB1 to IFB6
–0.3
40
Pin FBP, ISET, ISNS, IFBV
–0.3
3.3
Voltage range(2)
V
Pin EN, PWM1 to PWM6
–0.3
20
Pin GDRV
–0.3
7.0
Pin GDRV 10ns transient
–2.0
9.0
All other pins
–0.3
7.0
HBM
2
kV
ESD rating
MM
200
V
CDM
1
kV
Continuous power dissipation
See Thermal Information Table
Operating junction temperature range
–40
150
°C
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal
THERMAL INFORMATION
TPS61196
THERMAL METRIC(1)
UNITS
PWP (28 PINS)
θJA
Junction-to-ambient thermal resistance
33.8
θJCtop
Junction-to-case (top) thermal resistance
18.8
θJB
Junction-to-board thermal resistance
15.6
°C/W
ψJT
Junction-to-top characterization parameter
0.6
ψJB
Junction-to-board characterization parameter
15.4
θJCbot
Junction-to-case (bottom) thermal resistance
2.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :TPS61196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com