Electronic Components Datasheet Search
  English  ▼

X  

TPS61310 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61310
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61310 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61310 Datasheet HTML 1Page - Texas Instruments TPS61310 Datasheet HTML 2Page - Texas Instruments TPS61310 Datasheet HTML 3Page - Texas Instruments TPS61310 Datasheet HTML 4Page - Texas Instruments TPS61310 Datasheet HTML 5Page - Texas Instruments TPS61310 Datasheet HTML 6Page - Texas Instruments TPS61310 Datasheet HTML 7Page - Texas Instruments TPS61310 Datasheet HTML 8Page - Texas Instruments TPS61310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING
tNRESET
Reset pulse width
10
μs
From shutdown into video light mode
Start-up time
1.2
ms
ILED = 150mA
LED current settling time(1) triggered
MODE_CTRL[1:0] = 10
500
μs
by a rising edge on STRB0
ILED2 = from 0mA to 950mA
LED current settling time(1) triggered
MODE_CTRL[1:0] = 10
20
μs
by Tx-MASK
ILED2 = from 950mA to 150mA
(1)
Settling time to ±15% of the target value.
I
2C INTERFACE TIMING CHARACTERISTICS(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
100
kHz
Fast mode
400
kHz
High-speed mode (write operation), CB – 100pF max
3.4
MHz
f(SCL)
SCL Clock Frequency
High-speed mode (read operation), CB – 100pF max
3.4
MHz
High-speed mode (write operation), CB – 400pF max
1.7
MHz
High-speed mode (read operation), CB – 400pF max
1.7
MHz
Standard mode
4.7
μs
Bus Free Time Between a STOP and
tBUF
START Condition
Fast mode
1.3
μs
Standard mode
4
μs
Hold Time (Repeated) START
tHD, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
4.7
μs
Fast mode
1.3
μs
tLOW
LOW Period of the SCL Clock
High-speed mode, CB – 100pF max
160
ns
High-speed mode, CB – 400pF max
320
ns
Standard mode
4
μs
Fast mode
600
ns
tHIGH
HIGH Period of the SCL Clock
High-speed mode, CB – 100pF max
60
ns
High-speed mode, CB – 400pF max
120
ns
Standard mode
4.7
μs
Setup Time for a Repeated START
tSU, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
250
ns
tSU, tDAT Data Setup Time
Fast mode
100
ns
High-speed mode
10
ns
Standard mode
0
3.45
μs
Fast mode
0
0.9
μs
tHD, tDAT Data Hold Time
High-speed mode, CB – 100pF max
0
70
ns
High-speed mode, CB – 400pF max
0
150
ns
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRCL
Rise Time of SCL Signal
High-speed mode, CB – 100pF max
10
40
ns
High-speed mode, CB – 400pF max
20
80
ns
(1)
Specified by design. Not tested in production.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com