Electronic Components Datasheet Search
  English  ▼

X  

TPS61310 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61310
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61310 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS61310 Datasheet HTML 24Page - Texas Instruments TPS61310 Datasheet HTML 25Page - Texas Instruments TPS61310 Datasheet HTML 26Page - Texas Instruments TPS61310 Datasheet HTML 27Page - Texas Instruments TPS61310 Datasheet HTML 28Page - Texas Instruments TPS61310 Datasheet HTML 29Page - Texas Instruments TPS61310 Datasheet HTML 30Page - Texas Instruments TPS61310 Datasheet HTML 31Page - Texas Instruments TPS61310 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
VOUT NOM.
PFMmodeatlightload
PWMmodeatheavyload
PFMrippleabout 0.015 xVOUT
1.013 xVOUT NOM.
Output
Voltage
FLASH
DCLIGHT
LEDCURRENT
STRB0
Tx- MASK
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
Table 6. Inductor Current Limit Operation
CURRENT LIMIT SETTING
ILIM BIT
TPS61310
TPS61311
1250 mA
1800 mA
Low
1750 mA
2480 mA
High
Flash Blanking (Tx-Mask) for Instantaneous Flash-Current Reduction
The TPS6131x devices offer a dedicated hardware signal input (Tx-Mask) that can be used to reduce the flash
current to the programmed video light level instantaneously.
This feature can be used to reduce the overall current drawn from the battery if other system components require
high energy simultaneously, e.g. during a RF PA transmission pulse.
The Tx-MASK function has no influence on the safety timer duration.
Figure 48. Synchronized Flash With Blanking Periods (STRB1 = 0)
POWER-SAVE MODE OPERATION, EFFICIENCY
The TPS6131x integrates a power-save mode to improve efficiency under light loads. In power-save mode the
converter only operates when the output voltage trips below a set threshold voltage. It ramps up the output
voltage with one-to-several pulses and returns to power-save mode once the output voltage exceeds the set
threshold voltage.
Figure 49. Operation in PFM Mode and Transfer to PWM Mode
The power-save mode can be enabled and disabled via the ENPSM bit. In down conversion mode, power-save
mode is always active and the device cannot be forced into fixed frequency operation at light loads.
The LED sense voltage has a direct effect on converter efficiency. Because the voltage across the low-side
current regulator does not contribute to the output power (LED brightness), the lower the sense voltage the
higher the efficiency will be.
28
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com