Electronic Components Datasheet Search
  English  ▼

X  

TPS61310 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61310
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61310 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS61310 Datasheet HTML 28Page - Texas Instruments TPS61310 Datasheet HTML 29Page - Texas Instruments TPS61310 Datasheet HTML 30Page - Texas Instruments TPS61310 Datasheet HTML 31Page - Texas Instruments TPS61310 Datasheet HTML 32Page - Texas Instruments TPS61310 Datasheet HTML 33Page - Texas Instruments TPS61310 Datasheet HTML 34Page - Texas Instruments TPS61310 Datasheet HTML 35Page - Texas Instruments TPS61310 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Slave Address
R/W
A
Register Address
A
P
Sr
1
7
1
1
1
1
8
Data
8
A/A
1
S
HS-MasterCode
A
1
1
8
F/SMode
HSMode
F/SMode
Data Transferred
(nxBytes + Acknowledge)
HSModeContinues
Slave Address
Sr
FromMasterto TPS6131x
From TPS6131xtoMaster
A
= Acknowledge
A
= Acknowledge
S
= START condition
Sr
= REPEATEDSTART condition
P
= STOP condition
Slave Address
R/W
A
Register Address
A
Data
A
P
S
1
7
1
1
1
1
1
8
8
“0” Write
Sr
1
Slave Address
R/W
7
1
“1” Read
A
1
FromMasterto TPS6131x
From TPS6131xtoMaster
A
= Acknowledge
S
= START condition
Sr
= REPEATEDSTART condition
P
= STOP condition
Slave Address
R/W
A
Register Address
A
Data
A
P
S
1
7
1
1
1
1
1
8
8
“0” Write
FromMasterto TPS6131x
From TPS6131xtoMaster
A
= Acknowledge
S
= START condition
Sr
= REPEATEDSTART condition
P
= STOP condition
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
TPS6131x I2C Update Sequence
The TPS6131x requires a start condition, a valid I2C address, a register address byte, and a data byte for a
single update. After the receipt of each byte, TPS6131x device acknowledges by pulling the SDA line low during
the high period of a single clock pulse. A valid I2C address selects the TPS6131x. TPS6131x performs an update
on the falling edge of the acknowledge signal that follows the LSB byte.
Figure 54. : “Write” Data Transfer Format in F/S-Mode
Figure 55. “Read” Data Transfer Format in F/S-Mode
Figure 56. Data Transfer Format in H/S-Mode
32
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com