Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 8 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP193 Datasheet HTML 4Page - Analog Devices OP193 Datasheet HTML 5Page - Analog Devices OP193 Datasheet HTML 6Page - Analog Devices OP193 Datasheet HTML 7Page - Analog Devices OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices OP193 Datasheet HTML 10Page - Analog Devices OP193 Datasheet HTML 11Page - Analog Devices OP193 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
OP193/OP293/OP493–Typical Performance Characteristics
75
10
–50
15
5
TEMPERATURE –
°C
20
–25
125
0
25
50
100
25
VS = +2V
VCM = +1V
VS = ±18V
0
Figure 12. Supply Current vs.
Temperature
10000
1000
10
0.1
1
10
100
1000
10000
100
1
5V
≤ V
S ≤ 30V
TA = +25°C
DELTA
FROM VEE
DELTA
FROM VCC
LOAD CURRENT – µA
Figure 15. Delta Output Swing from
Either Rail vs. Current Load
60
40
10
100
1k
10k
100k
0
–20
TA = +25°C
VS = +5V
FREQUENCY – Hz
20
Figure 18. Closed-Loop Gain vs.
Frequency, VS = 5 V
75
–0.15
–50
–0.10
–0.20
–0.5
–25
125
0
25
50
100
0
VS = +2V
VCM = 0.1V
VS = ±15V
–0.25
TEMPERATURE –
°C
Figure 10. Input Offset Current vs.
Temperature
1000
100
0.1
1
10
100
1k
10
1
5V
≤ V
S ≤ 30V
TA = +25°C
FREQUENCY – Hz
Figure 13. Voltage Noise Density vs.
Frequency
75
1000
–50
1500
500
2000
–25
125
0
25
50
100
2500
VS = ±15V
–10V
≤ V
OUT ≤ +10V
0
VS = +5V
0.03V
≤ V
OUT ≤ 4V
TEMPERATURE –
°C
Figure 16. Voltage Gain (RL = 100 k
Ω)
vs. Temperature
75
–3
–50
–2
–4
TEMPERATURE –
°C
–1
–25
125
0
25
50
100
0
VS = +2V
VCM = 0.1V
VS = ±15V
–5
Figure 11. Input Bias Current vs.
Temperature
1000
100
0.1
1
10
100
1k
10
1
5V
≤ V
S ≤ 30V
TA = +25°C
FREQUENCY – Hz
Figure 14. Current Noise Density vs.
Frequency
75
400
–50
600
200
TEMPERATURE –
°C
800
–25
125
0
25
50
100
1000
VS = ±15V
–10V
≤ V
OUT ≤ +10V
0
VS = +5V
0.03V
≤ V
OUT ≤ 4V
Figure 17. Voltage Gain (RL = 10 kΩ)
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com