Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 12 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices OP193 Datasheet HTML 10Page - Analog Devices OP193 Datasheet HTML 11Page - Analog Devices OP193 Datasheet HTML 12Page - Analog Devices OP193 Datasheet HTML 13Page - Analog Devices OP193 Datasheet HTML 14Page - Analog Devices OP193 Datasheet HTML 15Page - Analog Devices OP193 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
OP193/OP293/OP493
A Single-Supply Instrumentation Amplifier
Designing a true single-supply instrumentation amplifier with
zero-input and zero-output operation requires special care. The
traditional configuration, shown in Figure 31, depends upon
amplifier A1’s output being at 0 V when the applied common-
mode input voltage is at 0 V. Any error at the output is multi-
plied by the gain of A2. In addition, current flows through
resistor R3 as A2’s output voltage increases. A1’s output must
remain at 0 V while sinking the current through R3, or a gain
error will result. With a maximum output voltage of 4 V, the
current through R3 is only 2
µA, but this will still produce an
appreciable error.
+5V
V+
V–
+5V
V+
V–
VOUT
R4
1.98M
R3
20k
R2
1.98M
R1
20k
ISINK
–IN
+IN
1/2 OP293
A2
1/2 OP293
A1
Figure 31. A Conventional Instrumentation Amplifier
One solution to this problem is to use a pull-down resistor. For
example, if R3 = 20 k
Ω, then the pull-down resistor must be
less than 400
Ω. However, the pull-down resistor appears as a
fixed load when a common-mode voltage is applied. With a 4 V
common-mode voltage, the additional load current will be 10 mA,
which is unacceptable in a low power application.
Figure 32 shows a better solution. A1’s sink current is provided
by a pair of N-channel FET transistors, configured as a current
mirror. With the values shown, sink current of Q2 is about
340
µA. Thus, with a common-mode voltage of 4 V, the addi-
tional load current is limited to 340
µA versus 10 mA with a
400
Ω resistor.
+5V
V+
V–
+5V
V+
V–
VOUT
+IN
1/2 OP293
A2
R4
1.98M
R3
20k
R2
1.98M
R1
20k
–IN
1/2 OP293
A1
+5V
10k
Q1
Q2
VN2222
Figure 32. An Improved Single-Supply, 0 VIN, 0 VOUT
Instrumentation Amplifier
A Low-Power, Temperature to 4–20 mA Transmitter
A simple temperature to 4–20 mA transmitter is shown in Fig-
ure 33. After calibration, this transmitter is accurate to
±0.5°C
over the –50
°C to +150°C temperature range. The transmitter
operates from +8 V to +40 V with supply rejection better than
3 ppm/V. One half of the OP293 is used to buffer the VTEMP
pin, while the other half regulates the output current to satisfy
the current summation at its noninverting input:
IOUT +
VTEMP × R6 + R7
()
R2
× R10
– VSET
R2
+ R6 + R7
R2
× R10


The change in output current with temperature is the derivative
of the transfer function:
∆I
OUT
∆T
=
∆V
TEMP
∆T
( R6
+ R7)
R2
× R10
SPAN TRIM
8
4
+8V TO +40V
V+
1/2 OP293
R4
20k
Ω
R9
100k
Ω
R2
1k
Ω
1/2 OP293
VTEMP
2N1711
1
2
3
R1 10k
Ω
2
6
3
4
REF-43BZ
VIN
VOUT
VTEMP
GND
R5
5k
Ω
R3
100k
Ω
6
5
ZERO
TRIM
VSET
7
R6
3k
Ω
R7
5k
Ω
R8
1k
Ω
1N4002
R10
100
Ω
1%, 1/2 W
RLOAD
IOUT
ALL RESISTORS 1/4W, 5% UNLESS OTHERWISE NOTED
Figure 33. Temperature to 4–20 mA Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com