Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 11 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP193 Datasheet HTML 7Page - Analog Devices OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices OP193 Datasheet HTML 10Page - Analog Devices OP193 Datasheet HTML 11Page - Analog Devices OP193 Datasheet HTML 12Page - Analog Devices OP193 Datasheet HTML 13Page - Analog Devices OP193 Datasheet HTML 14Page - Analog Devices OP193 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP193/OP293/OP493
REV. A
–11–
6
5
7
4
1
2
3
V–
V+
OP193
100k
Ω
100k
Ω
Figure 27. High Resolution Offset Nulling Circuit
A Micropower False-Ground Generator
Some single supply circuits work best when inputs are biased
above ground, typically at 1/2 of the supply voltage. In these
cases a false ground can be created by using a voltage divider
buffered by an amplifier. One such circuit is shown in Figure 28.
This circuit will generate a false-ground reference at 1/2 of the
supply voltage, while drawing only about 27
µA from a 5 V sup-
ply. The circuit includes compensation to allow for a 1
µF by-
pass capacitor at the false-ground output. The benefit of a large
capacitor is that not only does the false ground present a very
low dc resistance to the load, but its ac impedance is low as well.
The OP193 can both sink and source more than 5 mA, which
improves recovery time from transients in the load current.
6
7
2
3
10k
Ω
OP193
100
Ω
4
+5V OR +12V
0.022µF
1µF
240k
Ω
240k
Ω
1µF
+2.5V OR +6V
Figure 28. A Micropower False-Ground Generator
A Battery Powered Voltage Reference
The circuit of Figure 29 is a battery-powered voltage reference
that draws only 17
µA of supply current. At this level, two AA
alkaline cells can power this reference for more than 18 months.
At an output voltage of 1.23 V @ 25
°C, drift of the reference is
only 5.5
µV/°C over the industrial temperature range. Load
regulation is 85
µV/mA with line regulation at 120 µV/V.
Design of the reference is based on the Brokaw bandgap core
technique. Scaling of resistors R1 and R2 produces unequal cur-
rents in Q1 and Q2. The resulting
∆V
BE across R3 creates a tem-
perature-proportional voltage (PTAT) which, in turn, produces
a larger temperature-proportional voltage across R4 and R5, V1.
The temperature coefficient of V1 cancels (first order) the
complementary to absolute temperature (CTAT) coefficient of
VBE1. When adjusted to 1.23 V @ +25
°C, output voltage
tempco is at a minimum. Bandgap references can have start-up
problems. With no current in R1 and R2, the OP193 is beyond
its positive input range limit and has an undefined output state.
Shorting Pin 5 (an offset adjust pin) to ground forces the output
high under these circumstances and insures reliable startup
without significantly degrading the OP193’s offset drift.
6
7
2
3
C1
1000pF
OP193
VBE2
4
R2
1.5M
Ω
Q1
VOUT
(1.23V @ 25
°C)
5
R1
240k
Ω
V+
(+2.5V TO +36V)
Q2
1
2
3
7
6
5
VBE1
MAT-01AH
∆V
BE
R3 68k
Ω
R5 20k
Ω
OUTPUT
ADJUST
R4
130k
Ω
V1
Figure 29. A Battery Powered Voltage Reference
A Single-Supply Current Monitor
Current monitoring essentially consists of amplifying the voltage
drop across a resistor placed in series with the current to be
measured. The difficulty is that only small voltage drops can be
tolerated, and with low precision op amps this greatly limits the
overall resolution. The single-supply current monitor of Figure
30 has a resolution of 10
µA and is capable of monitoring 30
mA of current. This range can be adjusted by changing the cur-
rent sense resistor R1. When measuring total system current, it
may be necessary to include the supply current of the current
monitor, which bypasses the current sense resistor, in the final
result. This current can be measured and calibrated (together
with the residual offset) by adjustment of the offset trim potenti-
ometer, R2. This produces a deliberate temperature dependent
offset. However, the supply current of the OP193 is also propor-
tional to temperature, and the two effects tend to track. Current
in R4 and R5, which also bypasses R1, can be adjusted via a
gain trim.
6
7
2
3
OP193
4
R2
100k
Ω
VOUT =
100mV/mA(ITEST)
5
V+
1
R2
9.9k
Ω
R3
100k
Ω
R5
100
Ω
R1
1
Ω
TO CIRCUIT
UNDER TEST
ITEST
Figure 30. Single-Supply Current Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com