Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 9 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP193 Datasheet HTML 5Page - Analog Devices OP193 Datasheet HTML 6Page - Analog Devices OP193 Datasheet HTML 7Page - Analog Devices OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices OP193 Datasheet HTML 10Page - Analog Devices OP193 Datasheet HTML 11Page - Analog Devices OP193 Datasheet HTML 12Page - Analog Devices OP193 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP193/OP293/OP493
REV. A
–9–
60
40
10
100
1k
10k
100k
0
–20
TA = +25°C
VS = ±15V
FREQUENCY – Hz
20
Figure 19. Closed-Loop Gain vs.
Frequency, VS = ±15 V
60
40
100
1k
10k
100k
1M
0
–20
VS = ±15V
FREQUENCY – Hz
20
PHASE
–40
GAIN
90
0
–45
45
–90
Figure 22. Open Loop, Gain and
Phase vs. Frequency
60
50
40
20
10
100
1000
10000
CAPACITIVE LOAD – pF
30
10
0
VS = +5V TA = +25°C
AV = 1
50mV
≤ V
IN ≤ 150mV
LOADS TO GND
+OS
RL = ∞
+OS =
| –OS |
RL = 10kΩ
+OS = | –OS
|
RL = 50kΩ
–OS
RL = ∞
Figure 20. Small Signal Overshoot
vs. Capacitive Load
60
40
100
1k
10k
100k
1M
0
–20
VS = +5V
FREQUENCY – Hz
20
PHASE
–40
GAIN
90
0
–45
45
–90
Figure 21. Open Loop, Gain and
Phase vs. Frequency
FUNCTIONAL DESCRIPTION
The OP193 family of operational amplifiers are single-supply,
micropower, precision amplifiers whose input and output ranges
both include ground. Input offset voltage (VOS) is only 75
µV
maximum, while the output will deliver
±5 mA to a load. Sup-
ply current is only 17
µA.
A simplified schematic of the input stage is shown in Figure 23.
Input transistors Q1 and Q2 are PNP devices, which permit the
inputs to operate down to ground potential. The input transis-
tors have resistors in series with the base terminals to protect the
junctions from over voltage conditions. The second stage is an
NPN cascode which is buffered by an emitter follower before
driving the final PNP gain stage.
The OP193 includes connections to taps on the input load resis-
tors, which can be used to null the input offset voltage, VOS.
The OP293 and OP493 have two additional transistors, Q7 and
Q8. The behavior of these transistors is discussed in the Output
Phase Reversal section of this data sheet.
The output stage, shown in Figure 24, is a noninverting NPN
“totem-pole” configuration. Current is sourced to the load by
emitter follower Q1, while Q2 provides current sink capability.
When Q2 saturates, the output is pulled to within 5 mV of
ground without an external pull-down resistor. The totem-pole
output stage will supply a minimum of 5 mA to an external
load, even when operating from a single 3.0 V power supply.
By operating as an emitter follower, Q1 offers a high impedance
load to the final PNP collector of the input stage. Base drive to
Q2 is derived by monitoring Q1’s collector current. Transistor
Q5 tracks the collector current of Q1. When Q1 is on, Q5 keeps
Q4 off, and current source I1 keeps Q2 turned off. When Q1 is
driven to cutoff (i.e., the output must move toward V–), Q5
allows Q4 to turn on. Q4’s collector current then provides the
base drive for Q3 and Q2, and the output low voltage swing is
set by Q2’s VCE,SAT which is about 5 mV.
2k
NULLING
TERMINALS
(OP193 ONLY)
+INPUT
R2A
2k
–INPUT
Q1
Q2
Q7
Q8
Q3
Q4
R2B
R1B
R1A
OP293,
OP493
ONLY
I1
D1
I2
I3
I4
Q5
Q6
TO
OUTPUT
STAGE
I5
I6
V–
V+
Figure 23. OP193/OP293/OP493 Equivalent Input Circuit
Q4
Q1
Q5
Q3
Q2
OUTPUT
I1
I2
I3
FROM
INPUT
STAGE
V+
V–
Figure 24. OP193/OP293/OP493 Equivalent Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com