Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8362
Description  50 Hz to 2.7 GHz 60 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8362 Datasheet HTML 27Page - Analog Devices AD8362 Datasheet HTML 28Page - Analog Devices AD8362 Datasheet HTML 29Page - Analog Devices AD8362 Datasheet HTML 30Page - Analog Devices AD8362 Datasheet HTML 31Page - Analog Devices AD8362 Datasheet HTML 32Page - Analog Devices AD8362 Datasheet HTML 33Page - Analog Devices AD8362 Datasheet HTML 34Page - Analog Devices AD8362 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD8362
Rev. B | Page 31 of 36
Table 5. Suggested Values for Use in Scheme of Figure 63
R1 (Ω)
R2 (Ω)
VSLP' (V/decade)
VZ' (mV)
KC (m)
O/C
S/C
0.868
0.334
11.3
1904
96
0.870
0.336
10.4
1346
654
0.890
0.333
6.5
872
1128
0.914
0.340
3.7
480
1520
0.942
0.355
1.5
200
1800
0.972
0.380
0.5
HIGH SLOPE DETECTORS CENTERED ON A
NARROW WINDOW
The situation often arises in system monitoring in which an
input signal varies by much less than 60 dB, and the highest
possible sensitivity and accuracy of measurement is required
within a narrow window of input magnitudes. Adapting the
AD8362 to this task requires that the slope be increased and the
intercept repositioned. Using an attenuator from VOUT to
VSET, any slope >50 mV/dB can be realized. Then, using a
fraction of VREF (or external reference voltage), the particular
region of the dynamic range to be measured can be positioned
wherever desired. In these high slope applications, the full rail-
to-rail output swing of the AD8362 can be exploited.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
VOUT
R2
R1
INTERCEPT OFFSET
VOLTAGE, VSHIFT
SLOPE
R1
R2
(V/dec)
(k
Ω)(kΩ)
2
4.02
4.32
4
8.66
3.01
5
8.66
2.15
10
9.1
1.02
Figure 65. Slope and Intercept Adjustment
Figure 65 shows the basic connections for this mode of use; the
intercept repositioning voltage VSHIFT can be introduced by
adding a third resistor from VREF to VSET with recalculated
values of R1 and R2 or by using an external voltage source.
Figure 66 presents the simulation results for a log slope of
100 mV/dB (2 V/dec) covering two-decade spans over several
sub-ranges, while Figure 67 shows the results for a slope of
200 mV/dB (4 V/dec), providing just a one-decade span.
To accurately reposition the range (intercept) when very high
slopes are used, a low output impedance DAC can be used to
provide VSHIFT. Figure 68 shows simulated results for a slope of
500 mV/dB (10 V/dec) presuming this configuration. In all
cases, the fixed-pattern ripple in the log conformance remains
unchanged in dB terms. Residual fluctuations due to insufficient
averaging (in low frequency applications) are likewise
unaffected in their equivalent decibel value, though greater in
absolute voltage terms.
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 66. Illustrative Results for Slope of 100 mV/dB
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 67. Illustrative Results for Slope of 200 mV/dB
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 68. Illustrative Results for Slope of 10 mV/dec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com