Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8362
Description  50 Hz to 2.7 GHz 60 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8362 Datasheet HTML 28Page - Analog Devices AD8362 Datasheet HTML 29Page - Analog Devices AD8362 Datasheet HTML 30Page - Analog Devices AD8362 Datasheet HTML 31Page - Analog Devices AD8362 Datasheet HTML 32Page - Analog Devices AD8362 Datasheet HTML 33Page - Analog Devices AD8362 Datasheet HTML 34Page - Analog Devices AD8362 Datasheet HTML 35Page - Analog Devices AD8362 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD8362
Rev. B | Page 32 of 36
AD8362 EVALUATION BOARD
The AD8362 evaluation board provides for a number of
different operating modes and configurations, including many
of those described in this data sheet. The measurement mode is
set up by positioning SW2 as shown in Figure 69. The AD8362
can be operated in controller mode by flipping SW2 to its
alternate position, thereby connecting the VSET pin to the
VSET connector and applying the setpoint voltage to the VSET
connector.
The internal voltage reference is used for the target voltage
when SW1 is in the position shown in Figure 69. This voltage
may optionally be reduced via a voltage divider implemented
with R4 and R5, with LK1 in place as shown in Figure 69 and
SW1 switched to its alternate position. Alternatively, an external
target voltage may be used with SW1 switched to its alternate
position, LK1 removed, and the external target voltage applied
to the VTGT connector.
In measurement mode, the slope of the response at VOUT may
be increased through the use of a voltage divider implemented
with the appropriately valued resistors, as explained in this data
sheet, in Positions R17 and R9, and with SW2 switched to its
alternate position.
The AD8362 is powered up with SW3 in the position shown in
Figure 69 and connector PWDN open. The part can be powered
down either by connecting a logic high voltage to connector
PWDN with SW3 in the position shown in Figure 69 or by
switching SW3 to its alternate position.
Balun Transformer T1 may be removed and replaced by two
capacitors and an inductor, as shown in Figure 54, or by two 0 Ω
resistors (links, size 0402): one in series with Capacitors C6 and
C10, and the other in series with C5 and a 100 Ω resistor installed
in Position R16, to implement the circuit shown in Figure 53.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
C6
100pF
C5
100pF
C7
1000pF
C4
1000pF
R15
0
Ω
R14
OPEN
C8
1000pF
SW3
R16
OPEN
C10
1000pF
RFIN
PDWN
R13
10k
Ω
R17
OPEN
SW2
C3
0.1
µF
C9
OPEN
R9
10k
Ω
R5
10k
Ω
R4
0
Ω
R6
0
Ω
R7
0
Ω
LK1
VREF
VTGT
VOUT
VSET
SW1
R10
0
Ω
R8
0
Ω
VPOS
R1
0
Ω
C2
100pF
C1
0.1
µF
AGND
T1
Figure 69. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com