Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8362
Description  50 Hz to 2.7 GHz 60 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8362 Datasheet HTML 28Page - Analog Devices AD8362 Datasheet HTML 29Page - Analog Devices AD8362 Datasheet HTML 30Page - Analog Devices AD8362 Datasheet HTML 31Page - Analog Devices AD8362 Datasheet HTML 32Page - Analog Devices AD8362 Datasheet HTML 33Page - Analog Devices AD8362 Datasheet HTML 34Page - Analog Devices AD8362 Datasheet HTML 35Page - Analog Devices AD8362 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD8362
Rev. B | Page 33 of 36
Figure 70. Component Side Metal of Evaluation Board
Figure 71. Component Side Silkscreen of Evaluation Board
Table 6. Evaluation Board Configuration Options
Component
Function
Part Number
Default Value
T1
M/A-COM ETC1.6-4-2-3
C1
Supply filtering/decoupling capacitor
0.1 µF
C2
Supply filtering/decoupling capacitor
100 pF
C3
Output low-pass filter capacitor
0.1 µF
C9
Output low-pass filter capacitor
(normally omitted, not installed)
C4, C7, C10
Input bias-point decoupling capacitors
1000 pF
C5, C6
Input signal coupling capacitors
100 pF
C8
Input high-pass filter capacitor
1000 pF
DUT
AD8362
AD8362ARU
R1, R4, R6, R7, R8, R10, R15
Jumpers
0 Ω
R5, R9, R13
Optional pull-down resistors
10 kΩ
R16
Not installed, see text
100 Ω
R17
Slope adjustment (not installed, see text)
(See text)
RA
Not installed, see text
25 Ωor 0 Ω
RB
Not installed, see text
33 Ω
RC
Not installed, see text
0 Ω
SW1
Internal/external target voltage selector
SW2
Measurement mode/controller mode selector
SW3
Power-down/enable or external power-down selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com