Electronic Components Datasheet Search
  English  ▼

X  

LT3957 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3957 Datasheet HTML 10Page - Linear Technology LT3957 Datasheet HTML 11Page - Linear Technology LT3957 Datasheet HTML 12Page - Linear Technology LT3957 Datasheet HTML 13Page - Linear Technology LT3957 Datasheet HTML 14Page - Linear Technology LT3957 Datasheet HTML 15Page - Linear Technology LT3957 Datasheet HTML 16Page - Linear Technology LT3957 Datasheet HTML 17Page - Linear Technology LT3957 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3959
14
3959f
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT by a safety margin (a 10V
safety margin is usually sufficient).
The power dissipated by the diode is:
PD = IO(MAX) •VD
Where VD is diode’s forward voltage drop, and the diode
junction temperature is:
TJ = TA +PD •RθJA
The RθJA to be used in this equation normally includes the
RθJC for the device plus the thermal resistance from the
board to the ambient temperature in the enclosure. TJ must
not exceed the diode maximum junction temperature rating.
Boost Converter: Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct output
capacitors for a given output ripple voltage. The effect of
these three parameters (ESR, ESL and bulk C) on the output
voltage ripple waveform for a typical boost converter is
illustrated in Figure 3.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step ΔVESR and charging/discharging
ΔVCOUT. For the purpose of simplicity, we will choose
2% for the maximum output ripple, to be divided equally
between ΔVESR and ΔVCOUT. This percentage ripple will
change, depending on the requirements of the application,
APPLICATIONS INFORMATION
and the following equations can easily be modified. For a
1% contribution to the total ripple voltage, the ESR of the
output capacitor can be determined using the following
equation:
ESRCOUT ≤
0.01• VOUT
ID(PEAK)
For the bulk C component, which also contributes 1% to
the total ripple:
COUT ≥
IO(MAX)
0.01• VOUT •ƒOSC
The output capacitor in a boost regulator experiences high
RMS ripple currents, as shown in Figure 3. The RMS ripple
current rating of the output capacitor can be determined
using the following equation:
IRMS(COUT) ≥ IO(MAX) •
DMAX
1
−DMAX
Multiple capacitors are often paralleled to meet ESR
requirements. Typically, once the ESR requirement is
satisfied, the capacitance is adequate for filtering and has
the required RMS current rating. Additional ceramic capaci-
tors in parallel are commonly used to reduce the effect of
parasitic inductance in the output capacitor, which reduces
high frequency switching noise on the converter output.
Boost Converter: Input Capacitor Selection
The input capacitor of a boost converter is less critical
than the output capacitor, due to the fact that the inductor
is in series with the input, and the input current wave-
form is continuous. The input voltage source impedance
determines the size of the input capacitor, which is typi-
cally in the range of 10μF to 100μF. A low ESR capacitor
is recommended, although it is not as critical as for the
output capacitor.
The RMS input capacitor ripple current for a boost
converter is:
IRMS(CIN) = 0.3 • ΔIL
VOUT
(AC)
tON
VESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
VCOUT
3959 F03
tOFF
Figure 3. The Output Ripple Waveform of a Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com