Electronic Components Datasheet Search
  English  ▼

X  

LT3957 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3957 Datasheet HTML 12Page - Linear Technology LT3957 Datasheet HTML 13Page - Linear Technology LT3957 Datasheet HTML 14Page - Linear Technology LT3957 Datasheet HTML 15Page - Linear Technology LT3957 Datasheet HTML 16Page - Linear Technology LT3957 Datasheet HTML 17Page - Linear Technology LT3957 Datasheet HTML 18Page - Linear Technology LT3957 Datasheet HTML 19Page - Linear Technology LT3957 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3959
16
3959f
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with a low
forward drop and low reverse leakage is desirable. The
average forward current in normal operation is equal to
the output current.
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT + VIN(MAX) by a safety
margin (a 10V safety margin is usually sufficient).
The power dissipated by the diode is:
PD = IO(MAX) • VD
where VD is diode’s forward voltage drop, and the diode
junction temperature is:
TJ = TA + PD • RθJA
The RθJA used in this equation normally includes the RθJC
for the device, plus the thermal resistance from the board,
to the ambient temperature in the enclosure. TJ must not
exceed the diode maximum junction temperature rating.
SEPIC Converter: Output and Input Capacitor Selection
The selections of the output and input capacitors of the
SEPIC converter are similar to those of the boost converter.
Please refer to the Boost Converter, Output Capacitor
Selection and Boost Converter, Input Capacitor Selection
sections.
SEPIC Converter: Selecting the DC Coupling Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 1) should be larger than the maximum
input voltage:
VCDC > VIN(MAX)
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) > IO(MAX) •
VOUT + VD
VIN(MIN)
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
INVERTING CONVERTER APPLICATIONS
The LT3959 can be configured as a dual-inductor inverting
topology, as shown in Figure 4. The VOUT to VIN ratio is:
VOUT –VD
VIN
= –
D
1
−D
In continuous conduction mode (CCM).
APPLICATIONS INFORMATION
CDC
VIN
CIN
L1
D1
COUT
VOUT
3959 F04
+
GND
SW
LT3959
L2
+
–
+
–
+
Figure 4. A Simplified Inverting Converter
Inverting Converter: Switch Duty Cycle and Frequency
For an inverting converter operating in CCM, the duty
cycle of the main switch can be calculated based on the
negative output voltage (VOUT) and the input voltage (VIN).
The maximum duty cycle (DMAX)occurswhentheconverter
has the minimum input voltage:
DMAX =
VOUT –VD
VOUT –VD –VIN(MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com