Electronic Components Datasheet Search
  English  ▼

X  

LT3957 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3957 Datasheet HTML 16Page - Linear Technology LT3957 Datasheet HTML 17Page - Linear Technology LT3957 Datasheet HTML 18Page - Linear Technology LT3957 Datasheet HTML 19Page - Linear Technology LT3957 Datasheet HTML 20Page - Linear Technology LT3957 Datasheet HTML 21Page - Linear Technology LT3957 Datasheet HTML 22Page - Linear Technology LT3957 Datasheet HTML 23Page - Linear Technology LT3957 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT3959
23
3959f
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
5.00
± 0.10
6.00
± 0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
PIN 1
TOP MARK
(NOTE 6)
0.40
± 0.10
1
36
35
30
31
32
33 34
28
20
21
23
24
25
27
2
3
4
6
8
9
10
12
13
14
15
16
17
BOTTOM VIEW—EXPOSED PAD
2.00 REF
1.50 REF
0.75
± 0.05
R = 0.125
TYP
R = 0.10
TYP
PIN 1 NOTCH
R = 0.30 OR
0.35
× 45°
CHAMFER
0.25
± 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UHE36(28)MA) QFN 0112 REV D
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
4.10
± 0.05
5.50
± 0.05
PACKAGE OUTLINE
1.88
± 0.10
1.53
± 0.10
2.00 REF
1.50 REF
5.10
± 0.05
6.50
± 0.05
UHE Package
Variation: UHE36(28)MA
36(28)-Lead Plastic QFN (5mm
× 6mm)
(Reference LTC DWG # 05-08-1836 Rev D)
3.00
± 0.10
3.00
± 0.10
0.12
± 0.10
1.88
± 0.05
1.53
± 0.05
3.00
± 0.05
3.00
± 0.05
0.48
± 0.05
0.12
± 0.05
0.48
± 0.10
0.25
±0.05
0.50 BSC
10
12
3
4
6
8
9
17
20
21
23
24
25
27
28
30
31
32
33
34
35
36
12
13
14
15
16
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com