Electronic Components Datasheet Search
  English  ▼

X  

LT3957 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3957 Datasheet HTML 14Page - Linear Technology LT3957 Datasheet HTML 15Page - Linear Technology LT3957 Datasheet HTML 16Page - Linear Technology LT3957 Datasheet HTML 17Page - Linear Technology LT3957 Datasheet HTML 18Page - Linear Technology LT3957 Datasheet HTML 19Page - Linear Technology LT3957 Datasheet HTML 20Page - Linear Technology LT3957 Datasheet HTML 21Page - Linear Technology LT3957 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3959
18
3959f
APPLICATIONS INFORMATION
Check the stress on the internal power MOSFET by mea-
suring the SW-to-GND voltage directly across the IC ter-
minals. Make sure the inductive ringing does not exceed
the maximum rating of the internal power MOSFET (40V).
The small-signal components should be placed away from
high frequency switching nodes. For optimum load regula-
tion and true remote sensing, the top of the output voltage
sensing resistor divider should connect independently to
the top of the output capacitor (Kelvin connection), staying
away from any high dV/dt traces. Place the divider resis-
tors near the LT3959 in order to keep the high impedance
FBX node short.
Figure 5 shows the suggested layout of the 2.5V to 8V
input, 12V output boost converter in the Typical Applica-
tion section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com