Electronic Components Datasheet Search
  English  ▼

X  

MIC5019 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5019
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5019 Datasheet HTML 1Page - Micrel Semiconductor MIC5019 Datasheet HTML 2Page - Micrel Semiconductor MIC5019 Datasheet HTML 3Page - Micrel Semiconductor MIC5019 Datasheet HTML 4Page - Micrel Semiconductor MIC5019 Datasheet HTML 5Page - Micrel Semiconductor MIC5019 Datasheet HTML 6Page - Micrel Semiconductor MIC5019 Datasheet HTML 7Page - Micrel Semiconductor MIC5019 Datasheet HTML 8Page - Micrel Semiconductor MIC5019 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5019
Ultra-Small High-Side N-Channel MOSFET Driver
with Integrated Charge Pump
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2012
Micrel
Preliminary and Confidential -
General Description
The MIC5019 is a high-side MOSFET driver with
integrated charge pump designed to switch an N-
Channel enhancement type MOSFET control signal in
high-side or low–side applications.
The MIC5019 operates from a 2.7V to 9V supply, and
generates gate voltages of 9.2V from a 3V supply, and
16V from a 9V supply. The device consumes a low 77µA
of supply current and less than 1µA of supply current in
shutdown mode.
In high side configurations, the source voltage of the
MOSFET approaches the supply voltage when switched
on. To keep the MOSFET turned on, the MIC5019’s
output drives the MOSFET gate voltage higher than the
supply voltage.
The MIC5019 is available in an ultra-small 4-pin 1.2mm
x 1.2mm Thin QFN Package and is rated for –40°C to
+125°C junction temperature range.
Features
• 4-pin 1.2mm x 1.2mm Thin QFN Package
• +2.7V to +9V supply voltage range
• 16V gate drive at VDD = 9V
• 8V gate drive at VDD = 2.7V
• Operates in low and high side configurations
• 150µA (typical) supply current at VDD = 5V
• <1µA shutdown supply current
• –40˚C to +125˚C Junction Temperature Range
Applications
• Load Switch
• Solenoid Drivers
• Motor Drivers
Application Diagram
Low-Voltage High-Side Power Switch
Low-Side Power Switch


Similar Part No. - MIC5019

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019YFT MICREL-MIC5019YFT Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
More results

Similar Description - MIC5019

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Micrel Semiconductor
MIC5060 MICREL-MIC5060_10 Datasheet
512Kb / 12P
Ultra Small High-Side MOSFET Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
logo
Micrel Semiconductor
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
logo
Microchip Technology
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
Ultra-Small High-Side MOSFET Driver
09/14/21
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com